Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


HMC500LP3 Datasheet(Fiches technique) 4 Page - Hittite Microwave Corporation

Numéro de pièce HMC500LP3
Description  GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HITTITE [Hittite Microwave Corporation]
Site Internet  http://www.hittite.com
Logo 

   
 4 page
background image
13
13 - 37
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
RF Input (Vcc = +8V)
27 dBm
Supply Voltage (Vcc)
+10V
I & Q Input
-0.5V to +5.0V
Channel Temperature (Tc)
135 °C
Continuous Pdiss (T = 85°C)
(Derate 25 mW/°C above 85°C)
1.25 W
Thermal Resistance (R
th)
(junction to ground paddle)
40 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Typical Supply Current vs. Vcc
Note:
Modulator will operate over full voltage range shown above.
Vcc (V)
Icc (mA)
7.6
85
8.0
90
8.4
95
Outline Drawing
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC500LP3
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
500
XXXX
HMC500LP3E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
500
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS].
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST
BE SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED
PCB LAND PATTERN.
GaAs HBT VECTOR
MODULATOR 1.8 - 2.2 GHz
v01.0705
HMC500LP3 / 500LP3E




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
HMC135GaAs MMIC BI-PHASE MODULATOR 1.8 - 5.2 GHz 1 2 3 4 Hittite Microwave Corporation
HMC402MS8HIGH IP3 GaAs MMIC MIXER 1.8 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC394LP4GaAs HBT PROGRAMMABLE 5-BIT COUNTER DC - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC413QS16GGaAs InGaP HBT MMIC POWER AMPLIFIER 1.6 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC414MS8GGaAs InGaP HBT MMIC POWER AMPLIFIER 2.2 - 2.8 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC485MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 1.7 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC370LP4SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER 14.4 - 16.4 GHz OUTPUT 1 2 3 4 5 MoreHittite Microwave Corporation
HMC465LP5GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER DC - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
SCA-7DC-3 GHz Cascadable GaAs HBT MMIC Amplifier 1 2 3 Stanford Microdevices
HMC326MS8GGaAs InGaP HBT MMIC DRIVER AMPLIFIER 3.0 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl