Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3322-ZK Fiches technique(PDF) 3 Page - NEC

No de pièce 2SK3322-ZK
Description  SWITCHING N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

2SK3322-ZK Fiches technique(HTML) 3 Page - NEC

  2SK3322-ZK Datasheet HTML 1Page - NEC 2SK3322-ZK Datasheet HTML 2Page - NEC 2SK3322-ZK Datasheet HTML 3Page - NEC 2SK3322-ZK Datasheet HTML 4Page - NEC 2SK3322-ZK Datasheet HTML 5Page - NEC 2SK3322-ZK Datasheet HTML 6Page - NEC 2SK3322-ZK Datasheet HTML 7Page - NEC 2SK3322-ZK Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D14114EJ2V0DS
3
2SK3322
TYPICAL CHARACTERISTICS (TA = 25°C)
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
10
40
50
20
30
5
10
0
0
8.0 V
6.0 V
Pulsed
VGS = 10 V
FORWARD TRANSFER CHARACTERISTICS
VGS - Gate to Source Voltage - V
15
10
5
0
100
10
1
0.1
0.01
VDS = 10 V
Pulsed
Tch = 125˚C
75˚C
25˚C
−25˚C
GATE TO SOURCE CUT-OFF VOLTAGE
vs. CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
−50
0
50
100
150
5
4
3
2
1
0
VDS = 10 V
ID = 1 mA
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
110
ID - Drain Current - A
10
0.1
1
0.1
VDS = 10 V
Pulsed
Tch =
−25˚C
25˚C
75˚C
125˚C
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
10
2
VGS - Gate to Source Voltage - V
1
0
515
0
3
ID = 4.0 A
Pulsed
2.8 A
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
1
0.1
1
10
100
ID - Drain Current - A
2
0
3
VGS = 10 V
Pulsed
20 V


Numéro de pièce similaire - 2SK3322-ZK

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
2SK3322-ZK ISC-2SK3322-ZK Datasheet
400Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3322-ZK RENESAS-2SK3322-ZK Datasheet
250Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Description similaire - 2SK3322-ZK

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com