Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


MB39A108 Datasheet(Fiches technique) 2 Page - Fujitsu Component Limited.

Numéro de pièce MB39A108
Description  5-Channel DC/DC Converter IC with Synchronous Rectification
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

   
 2 page
background image
N
ew Products
MB39A108
50
FIND Vol.21
No.3
2003
s Supports the synchronous rectification method
s Lower starting voltage (CH4 to CH5) : 1.7V
s Power supply voltage range: 2.5V to 11V
s Reference voltage: 2.0V±1
s Error amplifier threshold voltage:
1.0V±1(CH1), 1.23V±1(CH2 to CH5)
s Oscillating frequency range: 200kHz to 2.0MHz
s Standby current: 0μA (Typ.)
s Built-in soft-start circuit without load dependency
s Build-in totem-pole type output for MOS FET
s Short-circuit detection from short-circuit input possible
using external signal (-INS terminal)
s Package: TSSOP-38P
Circuit Configuration
Fig.1
shows the block diagram and Fig.2 shows the pin
assignments.
MB39A108 is configured with the following function blocks.
s DC/DC Converter Function
Reference Voltage Generator Block (Ref)
The typical 2.0V reference voltage generated by the generator
circuit is temperature compensated by the voltage supplied
from the power supply terminal and used as the reference
voltage for internal IC circuits. The reference voltage can
supply a load current of up to 1mA to an external device
through the VREF terminal.
Triangular Wave Oscillator Block
The triangular wave oscillator block generates triangular wave
oscillation waveforms from the CT (amplitude 0.4V to 0.9V)
terminal by connecting the condenser for timing and the resistor
at the CT and RT terminals, respectively. The generated
triangular wave is input to the PWM comparator in the IC.
Error Amplifier Block (Error Amp)
The error amplifier detects the DC/DC converter output
voltage and outputs PWM control signals. Stable phase
compensation against the system can be attained by setting up
the optional loop gain through connections of the feedback
resistor and condenser from the output terminal of the error
amplifier to the inverted input terminal.
Possible inrush current at power start-up can be prevented by
connection of a capacitor to the CS terminal of each channel.
By detecting soft-start in the error amplifier, the device
operates soft-start at a fixed timing independent from the
DC/DC converter output load.
PWM Comparator Block (PWM Comp.)
This is a voltage-pulse width modulator that controls the
output duty according to the input/output voltage. The output
transistor stays ON for as long as the error amplifier output
voltage and DTC voltage exceed the triangular wave voltage.
Output Block (Drive)
The output circuit adopts a totem-pole construction and is
CTL
CS1
CS2
CTL3
CTL4
CTL5
Power
CH1
CH2
CH3
CH4
CH5
L−
OFF
OFF
OFF
OFF
OFF
OFF
H
GND
GND
L
L
L
ON
OFF
OFF
OFF
OFF
OFF
H
HiZ
GND
L
L
L
ON
ON
OFF
OFF
OFF
OFF
H
GND
HiZ
L
L
L
ON
OFF
ON
OFF
OFF
OFF
H
GND
GND
L
L
ON
OFF
OFF
ON
OFF
OFF
H
GND
GND
L
L
ON
OFF
OFF
OFF
ON
OFF
H
GND
GND
L
L
ON
OFF
OFF
OFF
OFF
ON
H
HiZ
HiZ
ON
ON
ON
ON
ON
ON
*: Undefined
Table 1 ON/OFF Setting Conditions for Each Channel




Html Pages

1  2  3  4 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SI9122500-kHz Half-Bridge DC-DC Converter With Integrated Secondary Synchronous Rectification Drivers 1 2 3 4 5 MoreVishay Siliconix
SI9124500-kHz Push-Pull DC-DC Converter With Integrated Secondary Synchronous Rectification Control 1 2 3 4 5 MoreVishay Siliconix
MB38276-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down 1 2 3 4 5 MoreFujitsu Component Limited.
SI9123500-kHz Half-Bridge DC-DC Converter With Integrated Secondary Synchronous Rectification Control 1 2 3 4 5 MoreVishay Siliconix
MB38836-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down 1 2 3 4 5 MoreFujitsu Component Limited.
HIP5020Integrated-Power Buck Converter Controller with Synchronous Rectification 1 2 3 4 5 MoreIntersil Corporation
MB38212-ch DC/DC Converter IC With Synchronous Rectifier 1 2 3 4 5 MoreFujitsu Component Limited.
N11645 Bit Programmable Synchronous Buck Converter with Dual LDOs Controller 1 2 3 4 5 MoreList of Unclassifed Manufacturers
L6911D5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION 1 2 3 4 5 MoreSTMicroelectronics
SC1162PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER WITH LOW DROPOUT REGULATOR CONTROLLER 1 2 3 4 5 MoreSemtech Corporation

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl