Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ605-ZJ Fiches technique(PDF) 5 Page - NEC

No de pièce 2SJ605-ZJ
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

2SJ605-ZJ Fiches technique(HTML) 5 Page - NEC

  2SJ605-ZJ Datasheet HTML 1Page - NEC 2SJ605-ZJ Datasheet HTML 2Page - NEC 2SJ605-ZJ Datasheet HTML 3Page - NEC 2SJ605-ZJ Datasheet HTML 4Page - NEC 2SJ605-ZJ Datasheet HTML 5Page - NEC 2SJ605-ZJ Datasheet HTML 6Page - NEC 2SJ605-ZJ Datasheet HTML 7Page - NEC 2SJ605-ZJ Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D14650EJ2V0DS
5
2SJ605
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
−50
0
50
100
150
ID= –33A
50
40
30
20
10
0
Pulsed
VGS = –4.0 V
–4.5 V
–10 V
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
–1.0
0
–1.5
VSD - Source to Drain Voltage - V
–0.5
Pulsed
–0.1
–1
–10
–100
–1000
0 V
VGS = –10 V
–2.0
–4 V
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
100
1000
10000
100000
–0.1
–1
–10
VGS = 0 V
f = 1 MHz
–100
Crss
Coss
Ciss
SWITCHING CHARACTERISTICS
ID - Drain Current - A
10
1
–1
–0.1
100
1000
–10
–100
tf
tr
td(on)
td(off)
VDD = –30 V
RG = 0
VGS = –10 V
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
QG - Gate Charge - nC
040
60
20
80
100
–60
–50
–40
–30
–20
–10
0
–12
–10
–8
–6
–4
–2
0
ID = –65 A
VDS
VGS
VDD = –48 V
–30 V
–12 V
SINGLE AVALANCHE CURRENT vs.
INDUCTIVE LOAD
L - Inductive Load - H
–10
–100
–1000
1 m10 m
VDD = –30 V
RG = 25
VGS = –20
→ 0 V
IAS = –45 A
10
µ
100
µ
–1
E
AS = 203
mJ


Numéro de pièce similaire - 2SJ605-ZJ

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SJ605-ZJ KEXIN-2SJ605-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
logo
Renesas Technology Corp
2SJ605-ZJ RENESAS-2SJ605-ZJ Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Description similaire - 2SJ605-ZJ

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com