Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AFBR-S4N44C013 Fiches technique(PDF) 4 Page - Broadcom Corporation.

No de pièce AFBR-S4N44C013
Description  4x4 NUV-HD Silicon Photo Multiplier Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOARDCOM [Broadcom Corporation.]
Site Internet  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AFBR-S4N44C013 Fiches technique(HTML) 4 Page - Broadcom Corporation.

  AFBR-S4N44C013 Datasheet HTML 1Page - Broadcom Corporation. AFBR-S4N44C013 Datasheet HTML 2Page - Broadcom Corporation. AFBR-S4N44C013 Datasheet HTML 3Page - Broadcom Corporation. AFBR-S4N44C013 Datasheet HTML 4Page - Broadcom Corporation. AFBR-S4N44C013 Datasheet HTML 5Page - Broadcom Corporation. AFBR-S4N44C013 Datasheet HTML 6Page - Broadcom Corporation. AFBR-S4N44C013 Datasheet HTML 7Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Broadcom
AFBR-S4N44C103-DS101
4
AFBR-S4N44C013 Data Sheet
4×4 NUV-HD Silicon Photo Multiplier Array
Optical and Electrical Features
Parameters have been measured for two recommended working points: Typical for general purpose applications and
Performance
for best timing performance.
Parameter
Symbol
Min.
Typ.
Max.
Units
Reference Plots
Spectral Range
300
900
nm
Peak Sensitivity Wavelength
PK
—420
nm
Figure 4
Breakdown Voltage
VBD
—26.9—
V
Figure 6
Temperature Coefficient of Breakdown Voltage
VBR/T—
26
mV/K
Parameter
Symbol
Typ.a
a. Typical values are measured at 3V above breakdown; performance at 7V above breakdown.
Perf.a
Units
Reference Plots
Photo Detection Efficiencyb
b. Measured at peak sensitivity-wavelength. Measurement does not include correlated noise, such as afterpulsing or
optical crosstalk.
PDE
43
55
%
Figure 5
Dark Current
ID
0.5
3.4
µA
Figure 6
Dark Count Ratec
c. Measured at 0.5 p.e. amplitude. Measurement does not include delayed correlated events.
DCR
1.7
3.7
Mcps
Figure 7, Figure 10
Dark Count Rate Per Unit Area
DCRmm²
120
270
kcps/mm²
Gain
G
1.6
3.3
×106
Figure 8, Figure 11
Optical Crosstalk
PXtalk
929
%
Figure 9, Figure 12
Afterpulsing Probability
PAP
<1
1
%
Figure 9, Figure 12
Recharge Time Constantd
d. Measured on 1 × 1 mm2 devices with an input impedance of 20Ω.
fall
55
50
ns
Figure 13
Nominal Terminal Capacitancee
e. Measured using input sine wave with f = 200 kHz and Vin = 500 mV.
CT
990
760
pF
Temperature Coefficient of Gain
G/T1.1
1.0
×104/K


Numéro de pièce similaire - AFBR-S4N44C013

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
AFBR-S4E001 BOARDCOM-AFBR-S4E001 Datasheet
708Kb / 6P
   Evaluation Kit for the AFBR-S4NxxC01y SiPM Family
July 9, 2018
More results

Description similaire - AFBR-S4N44C013

FabricantNo de pièceFiches techniqueDescription
logo
PerkinElmer Optoelectro...
C900 PERKINELMER-C900 Datasheet
859Kb / 11P
   CHANNEL PHOTO MULTIPLIER
logo
Dialight Corporation
568-XX3X-XXX4 DIALIGHT-568-XX3X-XXX4 Datasheet
110Kb / 1P
   4X4 CBI ARRAY BLOCK
logo
Advanced Semiconductor
BXY56 ASI-BXY56 Datasheet
16Kb / 1P
   SILICON MULTIPLIER DIODE
logo
Toshiba Semiconductor
TLP191B TOSHIBA-TLP191B_07 Datasheet
153Kb / 4P
   GaA?밃s Ired & Photo-Diode Array
logo
Advanced Semiconductor
1N4386 ASI-1N4386 Datasheet
28Kb / 1P
   SILICON MULTIPLIER VARACTOR DIODE
1N4388 ASI-1N4388 Datasheet
23Kb / 1P
   SILICON MULTIPLIER VARACTOR DIODE
logo
KODENSHI_AUK CORP.
KDT5001A_0604 KODENSHI-KDT5001A_0604 Datasheet
541Kb / 2P
   Silicon photo transistor
OPB0462 KODENSHI-OPB0462 Datasheet
139Kb / 1P
   Silicon Photo Transistor
OPB0606 KODENSHI-OPB0606 Datasheet
119Kb / 1P
   Silicon Photo Transistor
logo
Yellow Stone Corp
BPT-BP0331 YSTONE-BPT-BP0331 Datasheet
395Kb / 1P
   SILICON PHOTO TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com