Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT25C09U-1.8TE13 Fiches technique(PDF) 6 Page - Catalyst Semiconductor

No de pièce CAT25C09U-1.8TE13
Description  1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C09U-1.8TE13 Fiches technique(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT25C09U-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C09U-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C09U-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C09U-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C09U-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C09U-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C09U-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C09U-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C09U-1.8TE13 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
CAT25C11/03/05/09/17
Doc. No. 1017, Rev. J
Figure 2. WREN Instruction Timing
Figure 3. WRDI Instruction Timing
operation to the status register. The
WP pin function is
blocked when the WPEN bit is set to 0. Figure 10 illustrates
the
WP timing sequence during a write operation.
HOLD
HOLD
HOLD
HOLD
HOLD: Hold
HOLD is the HOLD pin. The HOLD pin is used to pause
transmission to the CAT25C11/03/05/09/17 while in the
middle of a serial sequence without having to re-transmit
entire sequence at a later time. To pause,
HOLD must be
brought low while SCK is low. The SO pin is in a high
impedance state during the time the part is paused, and
transitions on the SI pins will be ignored. To resume
communication,
HOLD is brought high, while SCK is low.
HOLD should be held high any time this function is not
being used.
HOLD may be tied high directly to VCC or tied
to VCC through a resistor. Figure 9 illustrates hold timing
sequence.
STATUS REGISTER
The Status Register indicates the status of the device.
The
RDY (Ready) bit indicates whether the CAT25C11/
SK
SI
CS
SO
00000
11
0
HIGH IMPEDANCE
SK
SI
CS
SO
00000
10
0
HIGH IMPEDANCE
Note: Dashed Line= mode (1, 1) – – – –
Note: Dashed Line= mode (1, 1) – – – –
03/05/09/17 is busy with a write operation. When set to
1 a write cycle is in progress and when set to 0 the device
indicates it is ready. This bit is read only the WEL (Write
Enable) bit indicates the status of the write enable latch.
When set to 1, the device is in a Write Enable state and
when set to 0 the device is in a Write Disable state. The
WEL bit can only be set by the WREN instruction and can
be reset by the WRDI instruction.
The BP0, BP1 and BP2 bits indicate which part of the
memory array is currently protected. These bits are set
by the user issuing the WRSR instruction. The user is
allowed to protect from one page to as much as half the
entire array. Once the three protection bits are set the
associated memory can be read but not written until the
protection bits are reset. These bits are non volatile.
The WPEN (Write Protect Enable) is an enable b it for the
WP pin. The WP pin and WPEN bit in the status register
control the programmable hardware write protect fea-
ture. Hardware write protection is enabled when
WP is
low and WPEN bit is set to high. The user cannot write
to the status register, (including the block protect bits


Numéro de pièce similaire - CAT25C09U-1.8TE13

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT25C09UATE13 CATALYST-CAT25C09UATE13 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C09UETE13 CATALYST-CAT25C09UETE13 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C09UITE13 CATALYST-CAT25C09UITE13 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results

Description similaire - CAT25C09U-1.8TE13

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com