Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSM6262 Fiches technique(PDF) 1 Page - OKI electronic componets

No de pièce MSM6262
Description  DOT MATRIX LCD CONTROLLER WITH 48-DOT COMMON DRIVER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OKI [OKI electronic componets]
Site Internet  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6262 Fiches technique(HTML) 1 Page - OKI electronic componets

  MSM6262 Datasheet HTML 1Page - OKI electronic componets MSM6262 Datasheet HTML 2Page - OKI electronic componets MSM6262 Datasheet HTML 3Page - OKI electronic componets MSM6262 Datasheet HTML 4Page - OKI electronic componets MSM6262 Datasheet HTML 5Page - OKI electronic componets MSM6262 Datasheet HTML 6Page - OKI electronic componets MSM6262 Datasheet HTML 7Page - OKI electronic componets MSM6262 Datasheet HTML 8Page - OKI electronic componets MSM6262 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
¡ Semiconductor
MSM6262-xx
1/52
GENERAL DESCRIPTION
The MSM6262-xx is a dot matrix LCD controller which is fabricated by OKI's low power
consumption CMOS silicon gate technology. In combination with 8-bit microcontroller, the
MSM6262-xx can control the dot matrix character type LCD module.
The MSM6262-xx is provided with a serial data transfer output. So, a maximum of 160 characters
can be controlled by combining this device with the MSM5259, MSM5839C, or MSM5260.
The MSM6262-xx is recommended for use in an LCD panel which is capable of displaying 81 to
160 characters. If an LCD panel of which display capacity is 80 characters or less is used, the
MSM6222B-xx is recommended.
The MSM6262-xx is best suited to be used as an LCD controller for applications such as electronic
typewriters, POS system terminals, and data banks.
FEATURES
• Dot matrix LCD controller/driver for three different font configuration
(5 x 7 dots, 5 x 11 dots and 5 x 12 dots)
• Up to 160 characters can be controlled
(Display data RAM ... 160 x 9-bit)
• On-chip character generator ROM (CGROM) for 256 different characters
5 x 7 dots ... 128 characters
5 x 11 dots ... 96 characters
5 x 12 dots ... 32 characters
• On-chip character generator RAM (CGRAM) (32 x 8-bit)
5 x 8 dots ... 4 kinds
5 x 12 dots ... 2 kinds
• Easy interface with Z80, 6809, 80C49, and 80C51
• Underline function
• Shift function for g, i, p, q and y
• Selectable driving duty
¡ Semiconductor
MSM6262-xx
DOT MATRIX LCD CONTROLLER WITH 48-DOT COMMON DRIVER
E2B0033-27-Y2
Duty
Font Configuration (dots)
Cursor Display
Display (characters x lines)
1/16
5 x 7
80 x 2
1/24
5 x 11
80 x 2
1/32
5 x 7
40 x 4
1/48
5 x 11
40 x 4
Available
Available
Available
Available
• Package :
80-pin plastic QFP (QFP80-P-1420-0.80-BK) (Product name : MSM6262-xxGS-BK)
xx indicates code number.
This version: Nov. 1997
Previous version: Mar. 1996


Numéro de pièce similaire - MSM6262

FabricantNo de pièceFiches techniqueDescription
logo
OKI electronic componet...
MSM6262-01 OKI-MSM6262-01 Datasheet
1Mb / 49P
   DOT MATRIX LCD CONTROLLER WITH 48 DOT COMMON DRIVER
More results

Description similaire - MSM6262

FabricantNo de pièceFiches techniqueDescription
logo
OKI electronic componet...
MSM6262-01 OKI-MSM6262-01 Datasheet
1Mb / 49P
   DOT MATRIX LCD CONTROLLER WITH 48 DOT COMMON DRIVER
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM9005 OKI-MSM9005 Datasheet
296Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM5278 OKI-MSM5278 Datasheet
145Kb / 7P
   DOT MATRIX LCD 64 DOT COMMON DRIVER
MSM6222B-01 OKI-MSM6222B-01 Datasheet
825Kb / 37P
   DOT MATRIX LCD CONTROLLER WITH 16 DOT COMMON DRIVER AND 40 DOT SEGMENT DRTVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com