Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1200C20K1 Fiches technique(PDF) 6 Page - International Rectifier

No de pièce ST1200C20K1
Description  PHASE CONTROL THYRISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

ST1200C20K1 Fiches technique(HTML) 6 Page - International Rectifier

  ST1200C20K1 Datasheet HTML 1Page - International Rectifier ST1200C20K1 Datasheet HTML 2Page - International Rectifier ST1200C20K1 Datasheet HTML 3Page - International Rectifier ST1200C20K1 Datasheet HTML 4Page - International Rectifier ST1200C20K1 Datasheet HTML 5Page - International Rectifier ST1200C20K1 Datasheet HTML 6Page - International Rectifier ST1200C20K1 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ST1200C..K Series
6
Bulletin I25196 rev. B 01/00
www.irf.com
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5- On-state Power Loss Characteristics
Fig. 6- On-state Power Loss Characteristics
AverageOn-stateCurrent(A)
AverageOn-stateCurrent(A)
AverageOn-stateCurrent(A)
AverageOn-stateCurrent(A)
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Pulse Train Duration (s)
30
40
50
60
70
80
90
100
110
120
130
0
400
800
1200
1600
2000
30°
60°
90°
120 °
180 °
Conduction Angle
ST1200C..K Series
(Double Side Cooled)
R
(DC) = 0.021 K/W
thJ-hs
20
30
40
50
60
70
80
90
100
110
120
130
0
600 1200 1800 2400 3000 360 0
DC
30°
60°
90°
120 °
180 °
Conduction Period
ST1200C..K Series
(Double Side Cooled)
R
(DC) = 0.021 K/W
thJ-hs
0
500
1000
1500
2000
2500
3000
3500
4000
0
400
800
1200
1600
2000
180 °
120 °
90°
60°
30°
RMS Limit
Conduction Angle
ST1200C..K Series
T
= 125°C
J
0
1000
2000
3000
4000
5000
0
600 1200 1800 2400 3000 3600
DC
180 °
120 °
90°
60°
30°
RMS Limit
Conduction Period
ST1200C..K Series
T
= 125°C
J
12000
14000
16000
18000
20000
22000
24000
26000
28000
11 0
1 0 0
Initial T = 125°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
At An y Rated Load Condition And With
Rated V
Applied Followin g Sur g e.
RRM
ST1200C..K Series
12000
14000
16000
18000
20000
22000
24000
26000
28000
30000
32000
0.01
0.1
1
Versus Pulse Train Duration. Control
Maximum Non Repetitive Sur g e Current
Initial T = 125°C
No Volta g e Reapplied
Rated V
Reapplied
J
RRM
Of Conduction Ma y Not Be Maintained.
ST1200C..K Series


Numéro de pièce similaire - ST1200C20K1

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
ST1200C20K1 VISHAY-ST1200C20K1 Datasheet
169Kb / 9P
   Phase Control Thyristors
Revision: 09-Jan-15
ST1200C20K1LP VISHAY-ST1200C20K1LP Datasheet
146Kb / 8P
   Phase Control Thyristors (Stud Version), 1650 A
Revision: 23-Apr-10
ST1200C20K1P VISHAY-ST1200C20K1P Datasheet
169Kb / 9P
   Phase Control Thyristors
Revision: 09-Jan-15
More results

Description similaire - ST1200C20K1

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com