Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5023 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce SI5023
Description  MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SI5023 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  SI5023 Datasheet HTML 1Page - List of Unclassifed Manufacturers SI5023 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI5023 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI5023 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI5023 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI5023 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI5023 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI5023 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI5023 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Si5022 /Si502 3
Preliminary Rev. 0.46
5
Electrical Specifications
Figure 2. Differential Voltage Measurement (DIN, REFCLK, DOUT, CLKOUT)
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min1
Typ
Max1
Unit
Ambient Temperature
TA
–40
25
85
°C
Si5022 Supply Voltage2
VDD
2.375
2.5
2.625
V
Si5023 Supply Voltage2
VDD
3.135
3.3
3.465
V
Notes:
1. All minimum and maximum specifications are guaranteed and apply across the recommended operating
conditions. Typical values apply at nominal supply voltages and an operating temperature of 25°C unless
otherwise stated.
2. The Si5022/23 specifications are guaranteed when using the recommended application circuit (including
component tolerance) of Figure 5 on page 10.
0.5 V
ID
SIGNAL+
SIGNAL–
V
ID
B. Operation with Differential Inputs and Outputs
V
IS
A. Operation with Single-Ended Inputs
SIGNAL+
SIGNAL–
V
t
V
t
(SIGNAL+) – (SIGNAL–)


Numéro de pièce similaire - SI5023

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5023 SILABS-SI5023 Datasheet
781Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
Si5023-BM SILABS-Si5023-BM Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5023-EVB SILABS-SI5023-EVB Datasheet
514Kb / 12P
   Simple jumper configuration
SI5023-X-GM SILABS-SI5023-X-GM Datasheet
781Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
More results

Description similaire - SI5023

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5023 SILABS-SI5023 Datasheet
781Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5017 SILABS-SI5017 Datasheet
396Kb / 26P
   OC-48/STM-16 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Vitesse Semiconductor C...
VSC8222 VITESSE-VSC8222 Datasheet
388Kb / 2P
   Multi-rate SONET/SDH, Fibre Channel, and Gigabit Ethernet CDR
logo
List of Unclassifed Man...
SI5013 ETC1-SI5013 Datasheet
153Kb / 24P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Silicon Laboratories
SI5013-D-GM SILABS-SI5013-D-GM Datasheet
215Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5013 SILABS-SI5013 Datasheet
400Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Vitesse Semiconductor C...
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
   Multi-Rate SONET/SDH Clock and Data Recovery IC
logo
List of Unclassifed Man...
SI5020 ETC1-SI5020 Datasheet
335Kb / 18P
   SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
   SONET/SDH/ATM OC-48 Transceiver With CDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com