Moteur de recherche de fiches techniques de composants électroniques |
|
HCPL-570K-600 Fiches technique(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
HCPL-570K-600 Fiches technique(HTML) 1 Page - Agilent(Hewlett-Packard) |
1 / 12 page 1 3 2 4 8 6 7 5 VCC GND VOUT Hermetically Sealed, Low I F, Wide V CC, High Gain Optocouplers Technical Data Features • Dual Marked with Device Part Number and DSCC Drawing Number • Manufactured and Tested on a MIL-PRF-38534 Certified Line • QML-38534, Class H and K • Five Hermetically Sealed Package Configurations • Performance Guaranteed, Over -55 °C to +125°C • Low Input Current Requirement: 0.5 mA • High Current Transfer Ratio: 1500% Typical @ IF = 0.5 mA • Low Output Saturation Voltage: 0.11 V Typical • 1500 Vdc Withstand Test Voltage • High Radiation Immunity • 6N138/9, HCPL-2730/31 Function Compatibility • Reliability Data Applications • Military and Space • High Reliability Systems • Telephone Ring Detection • Microprocessor System Interface • Transportation, Medical, and Life Critical Systems • Isolated Input Line Receiver • EIA RS-232-C Line Receiver • Voltage Level Shifting • Isolated Input Line Receiver • Isolated Output Line Driver • Logic Ground Isolation • Harsh Industrial Environments • Current Loop Receiver • System Test Equipment Isolation • Process Control Input/Output Isolation Description These units are single, dual, and quad channel, hermetically sealed optocouplers. The products are capable of operation and storage over the full military temperature range and can be purchased as either standard product or with full MIL-PRF-38534 Class Level H or K testing or from the appro- priate DSCC Drawing. All devices are manufactured and tested on a MIL-PRF-38534 certified line and are included in the DSCC Quali- fied Manufacturers List QML- 38534 for Hybrid Microcircuits. Each channel contains a GaAsP light emitting diode which is optically coupled to an integrated high gain photon detector. The high gain output stage features an open collector output providing both lower saturation voltage and higher signaling speed than possible with conventional photo- Darlington optocouplers. The shallow depth and small junctions offered by the IC process provides better radiation immunity than conventional photo transistor optocouplers. The supply voltage can be operated as low as 2.0 V without adversely affecting the parametric performance. Functional Diagram Multiple Channel Devices Available Truth Table (Positive Logic) Input Output On (H) L Off (L) H CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to prevent damage and/or degradation which may be induced by ESD. *See matrix for available extensions. 5962-89810 HCPL-573X HCPL-673X 5962-89785 5962-98002 6N140A* HCPL-675X 83024 HCPL-570X HCPL-177K The connection of a 0.1 µF bypass capacitor between VCC and GND is recommended. |
Numéro de pièce similaire - HCPL-570K-600 |
|
Description similaire - HCPL-570K-600 |