Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL6140NAMP Fiches technique(PDF) 4 Page - Zarlink Semiconductor Inc

No de pièce SL6140NAMP
Description  400MHZ WIDEBAND AGC AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL6140NAMP Fiches technique(HTML) 4 Page - Zarlink Semiconductor Inc

  SL6140NAMP Datasheet HTML 1Page - Zarlink Semiconductor Inc SL6140NAMP Datasheet HTML 2Page - Zarlink Semiconductor Inc SL6140NAMP Datasheet HTML 3Page - Zarlink Semiconductor Inc SL6140NAMP Datasheet HTML 4Page - Zarlink Semiconductor Inc SL6140NAMP Datasheet HTML 5Page - Zarlink Semiconductor Inc SL6140NAMP Datasheet HTML 6Page - Zarlink Semiconductor Inc SL6140NAMP Datasheet HTML 7Page - Zarlink Semiconductor Inc SL6140NAMP Datasheet HTML 8Page - Zarlink Semiconductor Inc SL6140NAMP Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
SL6140
Figure 4 - Gain Reduction v. AGC Voltage
1
2
3
4
5
6
7
8
910
0
0
10
20
30
40
50
60
70
G
A
I
N
R
E
D
U
C
T
I
O
N
(dB)
AGC VOLTAGE
RAGC=5.6k
RAGC=22k
Figure 5 - Max Differential O/P Voltage v. Gain Reduction
7
8
6
5
4
3
2
1
0
10
20
30
40
50
0
GAIN REDUCTION (dB)
D
I
F
F
E
R
E
N
T
I
A
L
O
U
T
P
U
T
(V p-p)
1MHzSINEWAVE


Numéro de pièce similaire - SL6140NAMP

FabricantNo de pièceFiches techniqueDescription
logo
Mitel Networks Corporat...
SL6140NA MITEL-SL6140NA Datasheet
171Kb / 10P
   400MHz Wideband AGC Amplifier
More results

Description similaire - SL6140NAMP

FabricantNo de pièceFiches techniqueDescription
logo
Mitel Networks Corporat...
SL6140 MITEL-SL6140 Datasheet
171Kb / 10P
   400MHz Wideband AGC Amplifier
logo
TriQuint Semiconductor
TGA1342-SCC TRIQUINT-TGA1342-SCC_15 Datasheet
119Kb / 7P
   2 20 GHz Wideband AGC Amplifier
TGA1342 TRIQUINT-TGA1342 Datasheet
124Kb / 4P
   2 -20 GHz Wideband AGC Amplifier
TGA1342-SCC TRIQUINT-TGA1342-SCC Datasheet
185Kb / 7P
   2-20 GHz Wideband AGC Amplifier
logo
LANSDALE Semiconductor ...
ML1490 LANSDALE-ML1490_08 Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
ML1490 LANSDALE-ML1490 Datasheet
545Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
logo
Intersil Corporation
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
   400MHz Quadrature Modulator and AGC
June 1999
HFA3761 INTERSIL-HFA3761 Datasheet
68Kb / 9P
   400MHz AGC and Quadrature IF Demodulator
July 1999
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
   400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
TriQuint Semiconductor
TGA2513-EPU TRIQUINT-TGA2513-EPU Datasheet
898Kb / 10P
   Wideband LNA with AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com