Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL6140NA Fiches technique(PDF) 2 Page - Zarlink Semiconductor Inc

No de pièce SL6140NA
Description  400MHZ WIDEBAND AGC AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL6140NA Fiches technique(HTML) 2 Page - Zarlink Semiconductor Inc

  SL6140NA Datasheet HTML 1Page - Zarlink Semiconductor Inc SL6140NA Datasheet HTML 2Page - Zarlink Semiconductor Inc SL6140NA Datasheet HTML 3Page - Zarlink Semiconductor Inc SL6140NA Datasheet HTML 4Page - Zarlink Semiconductor Inc SL6140NA Datasheet HTML 5Page - Zarlink Semiconductor Inc SL6140NA Datasheet HTML 6Page - Zarlink Semiconductor Inc SL6140NA Datasheet HTML 7Page - Zarlink Semiconductor Inc SL6140NA Datasheet HTML 8Page - Zarlink Semiconductor Inc SL6140NA Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
SL6140
Figure 2 - Pin Connections Diagram (top view)
MP8
Electrical Characteristics
Tamb = 25°C, VCC = 12V +5%, VIN = 1mVRMS, Frequency = 6MHz, Load (RL) = 10KOHms, RAGC = 22KOHm
These characteristics are guaranteed over the following conditions (unless otherwise stated)
18
27
36
45
OUTPUT
INPUT
+VCC
GROUND
INPUT
AGC INPUT
OUTPUT
GROUND
5,6,7
5,6
(sum)
5,6
2
5,6
5,6
5,6
5,6
5,6
5,6
19
7
1.0
75
45
55
15
25
400
3.5
3.5
5
mA
mA
mA
dB
dB
dB
dB
MHz
V p-p
V p-p
dB
Supply current
Output stage current
Output current matching
(magnitude of difference of output
currents)
AGC range
Voltage gain (single ended)
Bandwidth (-3dB)
Maximum output level (single
ended)
0dB AGC
-30dB AGC
Noise figure
5
60
40
23
9
No input signal
No input signal
See Figure 4 & Note 1
(VAGC = 0V to 10V)
R
L = 1kΩ See Figure 5 & Note 1
Tuned input and output
R
L = 50Ω
RL = 1k
Ω See Figure 5
RL = 50
Note 1
R
L = 1kΩ. Note 1
Test CCT Figure 13
Max
Typ
Min
Pin
Units
Characteristic
Conditions
Value
Note. 1
Guaranteed but not tested.
Absolute Maximum Ratings
Supply voltage, V
CC
+18V
Input voltage (differential)
+5V
AGC supply
V
CC
Storage temperature
-55
°C to +150°C
Operating temperature range
SL6140
MP
-40
°C to +85°C
at 200mW
Chip operating temperature
SL6140
MP
+150
°C
Thermal Resistance
Chip-to-ambient
SL6140
MP
163
°C/W
Chip-to-case
SL6140
MP
57
°C/W


Numéro de pièce similaire - SL6140NA

FabricantNo de pièceFiches techniqueDescription
logo
Mitel Networks Corporat...
SL6140NA MITEL-SL6140NA Datasheet
171Kb / 10P
   400MHz Wideband AGC Amplifier
More results

Description similaire - SL6140NA

FabricantNo de pièceFiches techniqueDescription
logo
Mitel Networks Corporat...
SL6140 MITEL-SL6140 Datasheet
171Kb / 10P
   400MHz Wideband AGC Amplifier
logo
TriQuint Semiconductor
TGA1342-SCC TRIQUINT-TGA1342-SCC_15 Datasheet
119Kb / 7P
   2 20 GHz Wideband AGC Amplifier
TGA1342 TRIQUINT-TGA1342 Datasheet
124Kb / 4P
   2 -20 GHz Wideband AGC Amplifier
TGA1342-SCC TRIQUINT-TGA1342-SCC Datasheet
185Kb / 7P
   2-20 GHz Wideband AGC Amplifier
logo
LANSDALE Semiconductor ...
ML1490 LANSDALE-ML1490_08 Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
ML1490 LANSDALE-ML1490 Datasheet
545Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
logo
Intersil Corporation
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
   400MHz Quadrature Modulator and AGC
June 1999
HFA3761 INTERSIL-HFA3761 Datasheet
68Kb / 9P
   400MHz AGC and Quadrature IF Demodulator
July 1999
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
   400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
TriQuint Semiconductor
TGA2513-EPU TRIQUINT-TGA2513-EPU Datasheet
898Kb / 10P
   Wideband LNA with AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com