Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL1914AMP1T Fiches technique(PDF) 1 Page - Zarlink Semiconductor Inc

No de pièce SL1914AMP1T
Description  SATELLITE TUNER FRONT END LNA WITH AGC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL1914AMP1T Fiches technique(HTML) 1 Page - Zarlink Semiconductor Inc

  SL1914AMP1T Datasheet HTML 1Page - Zarlink Semiconductor Inc SL1914AMP1T Datasheet HTML 2Page - Zarlink Semiconductor Inc SL1914AMP1T Datasheet HTML 3Page - Zarlink Semiconductor Inc SL1914AMP1T Datasheet HTML 4Page - Zarlink Semiconductor Inc SL1914AMP1T Datasheet HTML 5Page - Zarlink Semiconductor Inc SL1914AMP1T Datasheet HTML 6Page - Zarlink Semiconductor Inc SL1914AMP1T Datasheet HTML 7Page - Zarlink Semiconductor Inc SL1914AMP1T Datasheet HTML 8Page - Zarlink Semiconductor Inc SL1914AMP1T Datasheet HTML 9Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
SL1914
Preliminary Information
SL1914
Satellite Tuner Front End LNA with AGC
Preliminary Information
DS5137
ISSUE 1.6
April 1999
Ordering Information
SL1914A/KG/MP1S
SL1914A/KG/MP1T
Description
The SL1914 is a wideband LNA with AGC designed
primarily for application in satellite tuner front ends,
offering high signal handling capability with low noise
figure compatible with most common tuner input
requirements.
The SL1914 is optimised to complement the SL1925,
ZIF quadrature downconverter, integrating all the active
RF circuitry within the tuner, in a highly compact, efficient
solution, and offering a full 1-45 MS/s tuner capability.
Features
q
Single chip solution for satellite tuner LNA and
AGC
q
Provides for 30 dB minimum AGC
q
Low DSB NF at maximum gain
q
High signal handling at minimum gain
q
Provides differential output drive
q
ESD protection (Normal ESD handling
procedures should be observed)
Applications
q
Satellite receiver systems
q
Data communications systems
q
Master Antennae Distribution Systems
Figure 1 Block Diagram
RF INPUT
AGC
OUTPUT
OUTPUTB
Vcca
Vccb
Vee
2
4
6
5
1
8
3


Numéro de pièce similaire - SL1914AMP1T

FabricantNo de pièceFiches techniqueDescription
logo
Mitel Networks Corporat...
SL1914A MITEL-SL1914A Datasheet
84Kb / 6P
   Satellite Tuner Front End LNA with AGC
More results

Description similaire - SL1914AMP1T

FabricantNo de pièceFiches techniqueDescription
logo
Mitel Networks Corporat...
SL1914 MITEL-SL1914 Datasheet
84Kb / 6P
   Satellite Tuner Front End LNA with AGC
logo
Zarlink Semiconductor I...
SL2150D ZARLINK-SL2150D Datasheet
319Kb / 16P
   Cable Tuner Front End LNA with AGC
SL2150F ZARLINK-SL2150F Datasheet
932Kb / 20P
   Front End Power Splitter with AGC
logo
Sharp Corporation
BSFH77G15 SHARP-BSFH77G15 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH77G34 SHARP-BSFH77G34 Datasheet
54Kb / 2P
   Satellite Tuner
BSFJ77G19 SHARP-BSFJ77G19 Datasheet
57Kb / 2P
   Satellite Tuner
BSFH77G10 SHARP-BSFH77G10 Datasheet
53Kb / 2P
   Satellite Tuner
BSFJ77G10 SHARP-BSFJ77G10 Datasheet
57Kb / 2P
   Satellite Tuner
BSFH77G04 SHARP-BSFH77G04 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH77G06 SHARP-BSFH77G06 Datasheet
54Kb / 2P
   Satellite Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com