Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GRM21A5C2D201FW01 Fiches technique(PDF) 11 Page - Murata Manufacturing Co., Ltd.

No de pièce GRM21A5C2D201FW01
Description  Chip Multilayer Ceramic Capacitors for General Purpose
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM21A5C2D201FW01 Fiches technique(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button GRM21A5C2D201FW01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM21A5C2D201FW01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM21A5C2D201FW01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM21A5C2D201FW01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GRM21A5C2D201FW01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GRM21A5C2D201FW01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GRM21A5C2D201FW01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. GRM21A5C2D201FW01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. GRM21A5C2D201FW01 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
The surface temperature of the capacitor : 125°C or less
(including self-heating)
U2J(7U) Char. Rated Voltage : DC200V
U2J(7U) Char. Rated Voltage : DC250V
U2J(7U) Char. Rated Voltage : DC500V
U2J(7U) Char. Rated Voltage : DC630V
U2J(7U) Char. Rated Voltage : DC1 kV
U2J(7U) Char. Rated Voltage : DC2 kV
Frequency VS Allowable Sine Wave Voltage
Caution
!
JEMCGC-05049F
11


Numéro de pièce similaire - GRM21A5C2D201FW01

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
GRM21A5C2D201GW01 MURATA-GRM21A5C2D201GW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2D201JW01 MURATA-GRM21A5C2D201JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Description similaire - GRM21A5C2D201FW01

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J470JWA1 MURATA-GRM21A5C2J470JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A7U2D182JW31 MURATA-GRM21A7U2D182JW31 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E392JWA1 MURATA-GRM21B5C2E392JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E562JWAA MURATA-GRM21B5C2E562JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2J182JWAA MURATA-GRM21B5C2J182JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com