Moteur de recherche de fiches techniques de composants électroniques |
|
HCPL-675X Fiches technique(PDF) 3 Page - Agilent(Hewlett-Packard) |
|
HCPL-675X Fiches technique(HTML) 3 Page - Agilent(Hewlett-Packard) |
3 / 12 page 3 Functional Diagrams 16 pin DIP 8 pin DIP 8 pin DIP 16 pin Flat Pack 20 Pad LCCC Through Hole Through Hole Through Hole Unformed Leads Surface Mount 4 Channels 1 Channel 2 Channels 4 Channels 2 Channels Note: All DIP and flat pack devices have common VCC and ground. LCCC (leadless ceramic chip carrier) package has isolated channels with separate VCC and ground connections. 5 7 6 8 12 10 11 9 GND VO4 VO3 1 3 2 4 16 14 15 13 VCC VO2 VO1 1 3 2 4 8 6 7 5 VCC GND VO2 VO1 5 7 6 8 12 10 11 9 GND VO4 VO3 1 3 2 4 16 14 15 13 VCC VO2 VO1 Outline Drawings 16 Pin DIP Through Hole, 4 Channels Leadless Device Marking Leaded Device Marking 1 3 2 4 8 6 7 5 VCC GND VOUT 4.45 (0.175) MAX. 20.06 (0.790) 20.83 (0.820) 0.51 (0.020) MAX. 2.29 (0.090) 2.79 (0.110) 0.51 (0.020) MIN. 0.89 (0.035) 1.65 (0.065) 8.13 (0.320) MAX. 7.36 (0.290) 7.87 (0.310) 0.20 (0.008) 0.33 (0.013) NOTE: DIMENSIONS IN MILLIMETERS (INCHES). 3.81 (0.150) MIN. GND1 VO2 19 20 2 3 VO1 8 7 VCC2 VCC1 10 GND2 15 13 12 A QYYWWZ XXXXXX XXXXXXX XXX XXX 50434 Agilent DESIGNATOR Agilent P/N DSCC SMD* DSCC SMD* PIN ONE/ ESD IDENT COMPLIANCE INDICATOR,* DATE CODE, SUFFIX (IF NEEDED) COUNTRY OF MFR. Agilent CAGE CODE* *QUALIFIED PARTS ONLY • A QYYWWZ XXXXXX XXXX XXXXXX XXX 50434 Agilent DESIGNATOR Agilent P/N PIN ONE/ ESD IDENT COUNTRY OF MFR. COMPLIANCE INDICATOR,* DATE CODE, SUFFIX (IF NEEDED) DSCC SMD* DSCC SMD* Agilent CAGE CODE* *QUALIFIED PARTS ONLY • |
Numéro de pièce similaire - HCPL-675X |
|
Description similaire - HCPL-675X |