Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC28U032HCVB-0QC00 Fiches technique(PDF) 11 Page - Samsung semiconductor

No de pièce MC28U032HCVB-0QC00
Description  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC28U032HCVB-0QC00 Fiches technique(HTML) 11 Page - Samsung semiconductor

Back Button MC28U032HCVB-0QC00 Datasheet HTML 7Page - Samsung semiconductor MC28U032HCVB-0QC00 Datasheet HTML 8Page - Samsung semiconductor MC28U032HCVB-0QC00 Datasheet HTML 9Page - Samsung semiconductor MC28U032HCVB-0QC00 Datasheet HTML 10Page - Samsung semiconductor MC28U032HCVB-0QC00 Datasheet HTML 11Page - Samsung semiconductor MC28U032HCVB-0QC00 Datasheet HTML 12Page - Samsung semiconductor MC28U032HCVB-0QC00 Datasheet HTML 13Page - Samsung semiconductor MC28U032HCVB-0QC00 Datasheet HTML 14Page - Samsung semiconductor MC28U032HCVB-0QC00 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
MultiMediaCard
TM
11
The host can read the CSD register and alter the host controlled data bytes using the SEND_CSD and
PROGRAM_CSD commands.
2.7
SPI Mode
The SPI mode is a secondary (optional) communication protocol offered for MultiMediaCard. This
mode is a subset of the MultiMediaCard protocol, designed to communicate with an SPI channel,
commonly found in Motorola’s (and lately a few other vendors’) microcontrollers.
2.7.1 Negotiating Operation Conditions
The operating condition negotiation function of the MultiMediaCard bus is not supported in SPI mode.
The host must work within the valid voltage range (2.7 to 3.6 volts) of the card.
2.7.2 Card Acquisition and Identification
The card acquisition and identification function of the MultiMediaCard bus is not supported in SPI mode.
The host must know the number of cards currently connected on the bus. Specific card selection is
done via the CS signal.
2.7.3 Card Status
In SPI mode only 16 bits (containing the errors relevant to SPI mode) can be read out of the
MultiMediaCard status register.
2.7.4 Memory Array Partitioning
Memory partitioning in SPI mode is equivalent to MultiMediaCard mode. All read and write commands
are byte addressable.
2.7.5 Read and Write Operations
In SPI mode, only single block read/write mode is supported.
2.7.6 Data Transfer Rate
In SPI mode only block mode is supported. The typical access time (latency) for each data block, in
read operation, is 1.5mS. The write typical access time (latency) for each data block, in read operation,
is 1.5mS. The write block operation is done in handshake mode. The card will keep DataOut line low
as long as the write operation is in progress and there are no write buffers available.
2.7.7 Data Protection in the MultiMediaCard
Same as for the MultiMediaCard mode.
2.7.8 Erase
Same as in MultiMediaCard mode


Numéro de pièce similaire - MC28U032HCVB-0QC00

FabricantNo de pièceFiches techniqueDescription
logo
SL Power Electronics
MC28-2-A SLPOWER-MC28-2-A Datasheet
374Kb / 7P
   DC Power Supplies
MC28-2-A SLPOWER-MC28-2-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
logo
List of Unclassifed Man...
MC2800 ETC1-MC2800 Datasheet
1Mb / 63P
   Technical Specifications Multiple Motor Type
logo
Motorola, Inc
MC2800EVK MOTOROLA-MC2800EVK Datasheet
225Kb / 10P
   FLEX Paging RF/IF Receiver Board
MC2800SYNEVK MOTOROLA-MC2800SYNEVK Datasheet
261Kb / 11P
   FLEX Paging RF/IF Frequency Synthesizer Receiver
More results

Description similaire - MC28U032HCVB-0QC00

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com