Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-2611W Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce HCPL-2611W
Description  HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-2611W Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button HCPL-2611W Datasheet HTML 3Page - Fairchild Semiconductor HCPL-2611W Datasheet HTML 4Page - Fairchild Semiconductor HCPL-2611W Datasheet HTML 5Page - Fairchild Semiconductor HCPL-2611W Datasheet HTML 6Page - Fairchild Semiconductor HCPL-2611W Datasheet HTML 7Page - Fairchild Semiconductor HCPL-2611W Datasheet HTML 8Page - Fairchild Semiconductor HCPL-2611W Datasheet HTML 9Page - Fairchild Semiconductor HCPL-2611W Datasheet HTML 10Page - Fairchild Semiconductor HCPL-2611W Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
www.fairchildsemi.com
Single-channel: 6N137, HCPL-2601, HCPL-2611 Dual-Channel: HCPL-2630, HCPL-2631 Rev. 1.0.3
47
PHL
t
F
I = 7.5 mA
1.5 V
90%
10%
7.5 mA
+5V
1.5 V
3.0 V
1.5 V
3
2
1
4
8
7
6
5
4
5
Pulse
1
2
3
Generator
tr = 5ns
Z = 50
O
8
7
6
+5V
GND
PLH
t
I = 3.75 mA
F
Output
O
(V )
Input
(I )
F
Output
(V )
O
f
t
r
t
CC
V
Output
(V )
O
L
R
C
L
(I )
Input
F
Monitor
O
Z = 50
Pulse
Generator
tr = 5ns
(V )
E
Input
Monitor
GND
V
CC
O
(V )
Output
L
R
L
C
(V )
Output
O
Input
(V )
E
EHL
tt
ELH
bypass
.1
µf
bypass
.1
µf
Fig. 12 Test Circuit and Waveforms for tPLH, tPHL, tr and tf.
Fig. 13 Test Circuit tEHL and tELH.


Numéro de pièce similaire - HCPL-2611W

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HCPL-2611W FAIRCHILD-HCPL-2611W Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-2611WV FAIRCHILD-HCPL-2611WV Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

Description similaire - HCPL-2611W

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0661 FAIRCHILD-HCPL0661 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611R2 FAIRCHILD-HCPL0611R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com