Moteur de recherche de fiches techniques de composants électroniques |
|
ADC0838B Fiches technique(PDF) 9 Page - Texas Instruments |
|
ADC0838B Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 13 page PARAMETER UNIT TEST CONDITIONS ns tdos tconv tpd CL = 100 pF ns ADC0834A, ADC0838A, ADC0834B, ADC0838B A/D PERIPHERALS WITH SERIAL CONTROL SLAS007 – AUGUST 1985 – REVISED OCTOBER 1986 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 9 operating characteristics V + = 5 V, fclock = 250 kHz, tr = tf = 20 ns, TA = 25°C (unless otherwise noted) AI, AC SUFFIX BI, BC SUFFIX MIN TYP MAX MIN TYP MAX Supply-voltage variation error VCC = 4.75 V to 5.25 V ±1/16 ±1/4 ±1/16 ±1/4 LSB Total unadjusted error (see Note 6) Vref = 5 V, TA = MIN to MAX ±1 ±1/2 LSB Common-mode error Differential mode ±1/16 ±1/4 ±1/16 ±1/4 LSB Change in zero-error from VCC = 5 V to internal zener diode operation (see Note 2) II = 15 mA at V+ pin, Vref = 5 V, VCC open 1 1 LSB Propagation delay time, output MSB-first data 650 1500 650 1500 data after CLK ↓, (see Note 7) LSB-first data 250 600 250 600 Output disable time, CL = 10 pF, RL = 10 kΩ 125 250 125 250 DO or SARS after CS ↑ CL = 100 pF, RL = 2 kΩ 500 500 Conversion time (multiplexer addressing time not included) 8 8 clock periods † All parameters are measured under open-loop conditions with zero common-mode input voltage. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. NOTES:2. Internal zener diodes are connected from the VCC input to ground and from the V+ input to ground. The breakdown voltage of each zener diode is approximately 7 V. One zener diode can be used as a shunt regulator and connects to VCC through a regular diode. When the voltage regulator powers the converter, this zener and regular diode combination ensures that the VCC input (6.4 V) is less than the zener breakdown voltage. A series resistor is recommended to limit current into the V+ input. 6. Total unadjusted error includes offset, full-scale, linearity, and multiplexer errors. 7. The most significant bit (MSB) data is output directly from the comparator and therefore requires additional delay to allow for comparator response time. PARAMETER MEASUREMENT INFORMATION 50% tsu th th tsu 50% VCC GND GND GND 0.4 V 0.4 V 2 V 2 V DI 0.4 V CS CLK VCC VCC Figure 1. Data Input Timing |
Numéro de pièce similaire - ADC0838B |
|
Description similaire - ADC0838B |