Moteur de recherche de fiches techniques de composants électroniques |
|
OP-07EP Fiches technique(PDF) 2 Page - National Semiconductor (TI) |
|
|
OP-07EP Fiches technique(HTML) 2 Page - National Semiconductor (TI) |
2 / 6 page Absolute Maximum Ratings If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales OfficeDistributors for availability and specifications Supply Voltage g 22V Internal Power Dissipation (Note 5) 500 mW Differential Input Voltage g 30V Input Voltage (Note 6) g 22V Output Short-Circuit Duration Continuous Storage Temperature Range b 65 Cto a150 C Lead Temperature (Soldering 60 sec) 260 C Junction Temperature b 65 Cto a150 C Operating Temperature Range OP-07E OP-07C OP-07D 0 Cto a70 C Simplified Schematic TLH10550 – 3 R2A and R2B are electronically trimmed on chip at the factory for minimum offset voltage 2 |
Numéro de pièce similaire - OP-07EP |
|
Description similaire - OP-07EP |