Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QM2410K Fiches technique(PDF) 3 Page - uPI Group Inc.

No de pièce QM2410K
Description  N-Ch 20V Fast Switching MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UPI [uPI Group Inc.]
Site Internet  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

QM2410K Fiches technique(HTML) 3 Page - uPI Group Inc.

  QM2410K Datasheet HTML 1Page - uPI Group Inc. QM2410K Datasheet HTML 2Page - uPI Group Inc. QM2410K Datasheet HTML 3Page - uPI Group Inc. QM2410K Datasheet HTML 4Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
QM2410K
N-Ch 20V Fast Switching MOSFETs
0
2
4
6
8
10
12
14
16
18
0
0.5
1
1.5
2
VDS , Drain-to-Source Voltage (V)
VGS=4.5V
VGS=3V
VGS=2.5V
VGS=1.8V
VGS=5V
20
25
30
35
40
45
1
3
5
7
9
11
VGS (V)
ID=4A
0
2
4
6
0
0.3
0.6
0.9
1.2
VSD , Source-to-Drain Voltage (V)
TJ=175℃
TJ=25℃
0.2
0.6
1
1.4
1.8
-50
0
50
100
150
TJ ,Junction Temperature (℃ )
0.2
0.6
1.0
1.4
1.8
-50
0
50
100
150
TJ , Junction Temperature (℃)
Typical Characteristics
Fig.1 Typical Output Characteristics
Fig.2 On-Resistance vs. Gate-Source
Fig.3 Forward Characteristics Of Reverse
Fig.4 Gate-Charge Characteristics
Fig.5 Normalized VGS(th) vs. TJ
Fig.6 Normalized RDSON vs. TJ


Numéro de pièce similaire - QM2410K

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
QM2410V VBSEMI-QM2410V Datasheet
475Kb / 9P
   N-Channel 30 V (D-S) MOSFET
More results

Description similaire - QM2410K

FabricantNo de pièceFiches techniqueDescription
logo
uPI Group Inc.
QM2402K UPI-QM2402K Datasheet
236Kb / 5P
   N-Ch 20V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKN2510 PACELEADER-PKN2510 Datasheet
1Mb / 5P
   N-Ch 20V Fast Switching MOSFETs
logo
ShenZhen XinDeYi Electr...
US2302 XINDEYI-US2302 Datasheet
1Mb / 6P
   N-Ch 20V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM9926 UNITPOWER-UM9926 Datasheet
966Kb / 4P
   N-Ch 20V Fast Switching MOSFETs
US2302 UNITPOWER-US2302 Datasheet
1Mb / 6P
   N-Ch 20V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKCE2530 FETEK-FKCE2530 Datasheet
806Kb / 5P
   N-Ch 20V Fast Switching MOSFETs
Ver : A
logo
ShenZhen XinDeYi Electr...
UM9926 XINDEYI-UM9926 Datasheet
966Kb / 4P
   N-Ch 20V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKN2544 PACELEADER-PKN2544 Datasheet
1Mb / 5P
   N-Ch 20V Fast Switching MOSFETs
logo
uPI Group Inc.
QM2402J UPI-QM2402J Datasheet
250Kb / 4P
   N-Ch 20V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKUA2544 FETEK-FKUA2544 Datasheet
716Kb / 5P
   N-Ch 20V Fast Switching MOSFETs
Ver : A
logo
ShenZhen XinDeYi Electr...
UD2410 XINDEYI-UD2410 Datasheet
875Kb / 4P
   N-Ch 20V Fast Switching MOSFETs
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com