Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


AXIS1000 Datasheet(Fiches technique) 2 Page - Advanced XTAL Products

Numéro de pièce AXIS1000
Description  UHF Low Phase Noise VCXO in connectorized package
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AXTAL [Advanced XTAL Products]
Site Internet  http://www.axtal.com/index-engl.html
Logo 

   
 2 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIS1000 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 2(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Ordering Code
Model
Revision
Frequency [MHz]
AXIS1000
Rev.1
1000.000
Example: AXIS1000_Rev.1 – 1000.000 MHz
Handling and Testing
Parameter
Procedure
Source
Handling and Testing
Application Note AXAN-011
www.axtal.com
Processing
Application Note AXAN-012
www.axtal.com
Parameter
Procedure
Condition
Electrostatic discharge (ESD)
THD devices
IEC60749-26
HBM
2000 V
SMD devices
IEC60749-27
MM
200 V
Washable
Yes
No
RoHS compliant
Yes
No
Enclosure drawing
Pin connections
Pin#
Symbol
Function
1
VC
Control Voltage (EFC)
2
GND
Ground
3
VS
Supply Voltage
SMA
RF OUT
RF Output




Html Pages

1  2  3 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl