Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


SSRH24NHS-50026 Datasheet(Fiches technique) 1 Page - Kemet Corporation

Numéro de pièce SSRH24NHS-50026
Description  KEMET, SSRH24NVS/NHS, Commercial Grade, 2600 uH
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo 

   
 1 page
background image
KEMET Part Number: SSRH24NHS-50026
KEMET, SSRH24NVS/NHS, Commercial Grade, 2600 uH
Dimensions
L
25.5mm MAX
T
25.5mm MAX
H
18mm MAX
S
21mm NOM
S1
13mm NOM
LL
3.5mm +/-0.5mm
F
0.8mm NOM
Wire Size
0.75mm
Packaging Specifications
Weight: 22.5 g
Packaging: Tray
Packaging Quantity: 300
General Information
Series: SSRH24NVS/NHS
Style: Through-Hole Choke
Description:
Common Mode Choke. AC Line
Filter. Wide Range Impedance
Type.
Features: Compact Size, Light Weight,
High Performance, Low Rdc
RoHS: Yes
Lead: Wire Leads
Miscellaneous: 65 (K) Temperature Rise Max.
Specifications
Inductance: 2.6 mH (10 kHz)
Temperature Range: -25/+120C
Rated Temperature: 120C
Current: 5 A
Voltage AC: 250 VAC
Withstanding Voltage: 2400 VAC MAX
Insulation Resistance: 100 MOhms
© 2006 - 2018 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 10/24/2018 - 276b67c8-83f3-4151-84e7-2ef5e0039e47




Html Pages

1 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl