Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSR21NVS-M051200 Fiches technique(PDF) 1 Page - Kemet Corporation

No de pièce SSR21NVS-M051200
Description  KEMET, SSR21NVS-M/NHS-M, AC Line Filters, Common Mode, 0.12 H
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation

SSR21NVS-M051200 Fiches technique(HTML) 1 Page - Kemet Corporation

  SSR21NVS-M051200 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: SSR21NVS-M051200
KEMET, SSR21NVS-M/NHS-M, AC Line Filters, Common Mode, 0.12 H
Dimensions
L
22mm MAX
T
16mm MAX
H
27mm MAX
LL
3.5mm +/-0.5mm
S
10mm +/-0.5mm
Packaging Specifications
Packaging: Tray
Packaging Quantity: 450
Weight: 14.5 g
General Information
Series: SSR21NVS-M/NHS-M
Style: Through-Hole
Features: High Performance, High
Impedance, Strong Inductance
RoHS: Yes
Miscellaneous: 60 (K) Temperature Rise Max.
Specifications
Voltage AC: 250 VAC
Inductance: 120 mH (10 kHz)
Temperature Range: -25/+120C
DC Resistance: 1.85 Ohms
© 2006 - 2018 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 11/19/2018 - 5a48c7d8-f153-412a-be84-3d580f73de81


Numéro de pièce similaire - SSR21NVS-M051200

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
SSR21NVS-M031500 KEMET-SSR21NVS-M031500 Datasheet
373Kb / 7P
   Common Mode SSR Coils, 21NVS-M/NHS-M, Wide Range Impedance Type
SSR21NVS-M041350 KEMET-SSR21NVS-M041350 Datasheet
104Kb / 1P
   KEMET, SSR21NVS-M/NHS-M, AC Line Filters, Common Mode, 0.135 H
SSR21NVS-M06890 KEMET-SSR21NVS-M06890 Datasheet
104Kb / 1P
   KEMET, SSR21NVS-M/NHS-M, AC Line Filters, Common Mode, 0.089 H
SSR21NVS-M07680 KEMET-SSR21NVS-M07680 Datasheet
104Kb / 1P
   KEMET, SSR21NVS-M/NHS-M, AC Line Filters, Common Mode, 0.068 H
SSR21NVS-M08475 KEMET-SSR21NVS-M08475 Datasheet
104Kb / 1P
   KEMET, SSR21NVS-M/NHS-M, AC Line Filters, Common Mode, 0.0475 H
More results

Description similaire - SSR21NVS-M051200

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
SSR21NHS-M051200 KEMET-SSR21NHS-M051200 Datasheet
107Kb / 1P
   KEMET, SSR21NVS-M/NHS-M, AC Line Filters, Common Mode, 0.12 H
SSR21NHS-M15164 KEMET-SSR21NHS-M15164 Datasheet
107Kb / 1P
   KEMET, SSR21NVS-M/NHS-M, AC Line Filters, Common Mode, 0.0164 H
SSR21NVS-M12220 KEMET-SSR21NVS-M12220 Datasheet
104Kb / 1P
   KEMET, SSR21NVS-M/NHS-M, AC Line Filters, Common Mode, 0.022 H
SSR21NHS-M10345 KEMET-SSR21NHS-M10345 Datasheet
107Kb / 1P
   KEMET, SSR21NVS-M/NHS-M, AC Line Filters, Common Mode, 0.0345 H
SSR21NHS-M06890 KEMET-SSR21NHS-M06890 Datasheet
107Kb / 1P
   KEMET, SSR21NVS-M/NHS-M, AC Line Filters, Common Mode, 0.089 H
SSR21NVS-M10345 KEMET-SSR21NVS-M10345 Datasheet
104Kb / 1P
   KEMET, SSR21NVS-M/NHS-M, AC Line Filters, Common Mode, 0.0345 H
SSR21NVS-M08475 KEMET-SSR21NVS-M08475 Datasheet
104Kb / 1P
   KEMET, SSR21NVS-M/NHS-M, AC Line Filters, Common Mode, 0.0475 H
SSR21NHS-M12220 KEMET-SSR21NHS-M12220 Datasheet
106Kb / 1P
   KEMET, SSR21NVS-M/NHS-M, AC Line Filters, Common Mode, 0.022 H
SSR21NVS-M20103 KEMET-SSR21NVS-M20103 Datasheet
104Kb / 1P
   KEMET, SSR21NVS-M/NHS-M, AC Line Filters, Common Mode, 0.0103 H
SSR21NHS-M07680 KEMET-SSR21NHS-M07680 Datasheet
107Kb / 1P
   KEMET, SSR21NVS-M/NHS-M, AC Line Filters, Common Mode, 0.068 H
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com