Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OS08A20 Fiches technique(PDF) 2 Page - OmniVision Technologies, Inc.

No de pièce OS08A20
Description  High Resolution 8-Megapixel PureCel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMNIVISION [OmniVision Technologies, Inc.]
Site Internet  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OS08A20 Fiches technique(HTML) 2 Page - OmniVision Technologies, Inc.

  OS08A20 Datasheet HTML 1Page - OmniVision Technologies, Inc. OS08A20 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
¬
¬
¬
Security Cameras
Action Cameras
High Resolution Consumer Cameras
Digital Still Cameras (DSC)
Digital Video Camcorders (DVC)
Applications
¬
¬
¬
¬
¬
¬
2 µm x 2 µm pixel
optical size of 1/1.8"
QE enhancement in 850 nm and 940 nm
programmable controls for:
- frame rate
- mirror and flip
- cropping
- windowing
supports output formats:
- 12-/10-bit RAW RGB
supports image sizes:
- 4K2K (3840x2160)
- 2560 x 1440
- 1080p (1920x1080)
- 720p (1280x720)
supports 2x2 binning
standard serial SCCB interface
12-bit ADC
up to 4-lane MIPI/LVDS serial output
interface (supports maximum speed
up to 1500 Mbps/lane)
2-exposure staggered HDR support
programmable I/O drive capability
light sensing mode (LSM)
PLL with SCC support
support for FSIN
¬
¬
¬
¬
¬
¬
¬
¬
¬
Product Features
¬
OS08A20-H92A-1B
(color, lead-free) 92-pin CSP
Ordering Information
¬
¬
¬
¬
¬
¬
¬
active array size: 3840 x 2160
power supply:
- core: 1.2V
- analog: 2.8V
- I/O: 1.8V
power requirements:
- active: 240 mA
- XSHUTDOWN: <10 µA
temperature range:
- operating: -30°C to +85°C junction
temperature
- stable image: 0°C to +60°C junction
temperature
output formats: 10/12-bit RGB RAW
lens size: 1/1.8"
input clock frequency: 6 ~ 27 MHz
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
lens chief ray angle: 11° linear
max S/N ratio: 39 dB
dynamic range: 74 dB @ 16x gain
maximum image transfer rate:
- 4K2K: 60 fps
- 2560 x 1440: 60 fps
- 1080p: 120 fps
sensitivity: 13,000 e-/Lux-sec
scan mode: progressive
maximum exposure interval: VTS-8
pixel size: 2.0 µm x 2.0 µm
image area: 7736.256 µm x 4379.616 µm
package dimensions:
- CSP: 8929.2 µm x 6330 µm
Product Specifications
Version 1.1, October, 2018
OmniVision reserves the right to make changes to their products or to discontinue any product
or service without further notice. OmniVision, the OmniVision logo, and PureCel are registered
trademarks of OmniVision Technologies, Inc. Nyxel is a trademark of OmniVision Technologies, Inc.
All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OS08A20
Functional Block Diagram
OS08A20
image sensor core
image
sensor
processor
image
interface
column
sample/hold
PLL
PLL
control register bank
SCCB interface
timing generator and system control logic
gain
control
MCP/N
MDP/N[3:0]
image
array
AMP
12-bit
ADC


Numéro de pièce similaire - OS08A20

FabricantNo de pièceFiches techniqueDescription
logo
OmniVision Technologies...
OS08A10 OMNIVISION-OS08A10 Datasheet
1Mb / 2P
   Low-Power 8-Megapixel PureCel
OS08A10-H92A-1B OMNIVISION-OS08A10-H92A-1B Datasheet
1Mb / 2P
   Low-Power 8-Megapixel PureCel
More results

Description similaire - OS08A20

FabricantNo de pièceFiches techniqueDescription
logo
OmniVision Technologies...
OS08A10 OMNIVISION-OS08A10 Datasheet
1Mb / 2P
   Low-Power 8-Megapixel PureCel
OV13A10 OMNIVISION-OV13A10 Datasheet
616Kb / 2P
   High-Performance 13-Megapixel PureCel
OV13A1Q OMNIVISION-OV13A1Q Datasheet
796Kb / 2P
   Ultra-Compact 13-Megapixel PureCel
OV16860 OMNIVISION-OV16860 Datasheet
565Kb / 2P
   Fast Frame Rate 16-Megapixel PureCel
OV8820 OMNIVISION-OV8820 Datasheet
660Kb / 2P
   OV8820 8-megapixel product brief
OV8825 OMNIVISION-OV8825 Datasheet
824Kb / 2P
   OV8825 8-megapixel product brief
OV8830 OMNIVISION-OV8830 Datasheet
808Kb / 2P
   OV8830 8-megapixel product brief
OV8865 OMNIVISION-OV8865 Datasheet
3Mb / 2P
   High-Performance, Low-Power 8-Megapixel Image Sensor
logo
Level One
FCS-5052 LVL1-FCS-5052 Datasheet
442Kb / 6P
   3-Megapixel (2032x1536) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
logo
Hitachi Semiconductor
CML174SXW HITACHI-CML174SXW Datasheet
113Kb / 2P
   High Resolution
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com