Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


SN10-400J Datasheet(Fiches technique) 1 Page - Kemet Corporation

Numéro de pièce SN10-400J
Description  KEMET, SN-J, AC Line Filters, Normal Mode, 72 uH
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo 

   
 1 page
background image
KEMET Part Number: SN10-400J
KEMET, SN-J, AC Line Filters, Normal Mode, 72 uH
Dimensions
D
23mm MAX
W
22mm NOM
T
16mm MAX
H
26mm MAX
LL
7mm +/-2mm
S
10mm NOM
Packaging Specifications
Packaging: Tray
Packaging Quantity: 600
Weight: 12.9 g
General Information
Series: SN-J
Style: Through-Hole
RoHS: Yes
Miscellaneous: 27 (K) Temperature Rise Max.
Specifications
Inductance: 72 uH (0.1 MHz)
Temperature Range: -25/+105C
DC Resistance: 56 mOhms
© 2006 - 2018 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 11/19/2018 - e960c056-1397-4910-80a5-8ac43dcb60c7




Html Pages

1 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl