Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-Q100-M00XX Fiches technique(PDF) 11 Page - Agilent(Hewlett-Packard)

No de pièce HLMP-Q100-M00XX
Description  Subminiature LED Lamps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-Q100-M00XX Fiches technique(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HLMP-Q100-M00XX Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-Q100-M00XX Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-Q100-M00XX Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-Q100-M00XX Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-Q100-M00XX Datasheet HTML 11Page - Agilent(Hewlett-Packard) HLMP-Q100-M00XX Datasheet HTML 12Page - Agilent(Hewlett-Packard) HLMP-Q100-M00XX Datasheet HTML 13Page - Agilent(Hewlett-Packard) HLMP-Q100-M00XX Datasheet HTML 14Page - Agilent(Hewlett-Packard) HLMP-Q100-M00XX Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Emerald Green[1]
Device
HLMP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
P605-F00xx
1.0
1.5
Q600-F00xx
Luminous Intensity
IV
1.0
1.5
mcd
IF = 10 mA
Q605-F00xx
1.0
7.5
All
Forward Voltage
VF
2.2
3.0
V
IF = 10 mA
Reverse Breakdown Voltage
VR
5.0
V
IR = 100 µA
P605
Included Angle Between
2q1/2
125
Deg.
Q60x
Half Intensity Points[2]
90
Peak Wavelength
lPEAK
558
nm
Dominant Wavelength[3]
ld
560
nm
Measured at Peak
Spectral Line Half Width
Dl1/2
24
nm
P605/Q600
Speed of Response
ts
3100
ns
Capacitance
C
35
pF
VF = 0; f = 1 MHz
Thermal Resistance
RqJ-PIN
170
°C/W
Junction-to-Cathode Lead
Luminous Efficacy[4]
hV
656
lm/W
Note:
1. Please refer to Application Note 1061 for information comparing standard green and emerald green light output degradation.


Numéro de pièce similaire - HLMP-Q100-M00XX

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Q100 AVAGO-HLMP-Q100 Datasheet
240Kb / 16P
   Subminiature LED Lamps nondiff used dome for high brightness
logo
Broadcom Corporation.
HLMP-Q100 BOARDCOM-HLMP-Q100 Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
More results

Description similaire - HLMP-Q100-M00XX

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Q105-P0031 AVAGO-HLMP-Q105-P0031 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6400-F0011 AVAGO-HLMP-6400-F0011 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-7019 AVAGO-HLMP-7019 Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Broadcom Corporation.
HLMP-PXXX BOARDCOM-HLMP-PXXX Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-6820-F0010 AVAGO-HLMP-6820-F0010 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6620-F001S AVAGO-HLMP-6620-F001S Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-PH00 HP-HLMA-PH00 Datasheet
125Kb / 7P
   Subminiature High Performance AlInGaP LED Lamps
HLMA-PF00 HP-HLMA-PF00 Datasheet
152Kb / 11P
   Subminiature High Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-P106 BOARDCOM-HLMP-P106 Datasheet
668Kb / 11P
   Subminiature High-Performance Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMT-QL00 AVAGO-HLMT-QL00 Datasheet
77Kb / 9P
   Subminiature High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com