Moteur de recherche de fiches techniques de composants électroniques |
|
MC74VHCT541A Fiches technique(PDF) 1 Page - Motorola, Inc |
|
MC74VHCT541A Fiches technique(HTML) 1 Page - Motorola, Inc |
1 / 6 page MOTOROLA SEMICONDUCTOR TECHNICAL DATA 1 REV 0 © Motorola, Inc. 1997 6/97 Octal Bus Buffer The MC74VHCT541A is an advanced high speed CMOS octal bus buffer fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation. The MC74VHCT541A is a noninverting, 3–state, buffer/line driver/line receiver. When either OE1 or OE2 is high, the terminal outputs are in the high impedance state. The VHCT inputs are compatible with TTL levels. This device can be used as a level converter for interfacing 3.3V to 5.0V, because it has full 5V CMOS level output swings. The VHCT541A input and output (when disabled) structures provide protection when voltages between 0V and 5.5V are applied, regardless of the supply voltage. These input and output structures help prevent device destruction caused by supply voltage – input/output voltage mismatch, battery backup, hot insertion, etc. • High Speed: tPD = 5.4ns (Typ) at VCC = 5V • Low Power Dissipation: ICC = 4µA (Max) at TA = 25°C • TTL–Compatible Inputs: VIL = 0.8V; VIH = 2.0V • Power Down Protection Provided on Inputs and Outputs • Balanced Propagation Delays • Designed for 4.5V to 5.5V Operating Range • Low Noise: VOLP = 1.6V (Max) • Pin and Function Compatible with Other Standard Logic Families • Latchup Performance Exceeds 300mA • ESD Performance: HBM > 2000V; Machine Model > 200V • Chip Complexity: 134 FETs or 33.5 Equivalent Gates 18 Y1 2 A1 17 Y2 3 A2 16 Y3 4 A3 15 Y4 5 A4 14 Y5 6 A5 13 Y6 7 A6 12 Y7 8 A7 11 Y8 9 A8 OE1 OE2 1 19 OUTPUT ENABLES DATA INPUTS NONINVERTING OUTPUTS LOGIC DIAGRAM MC74VHCT541A PIN ASSIGNMENT A5 A3 A2 A1 OE1 GND A8 A7 A6 A4 5 4 3 2 1 10 9 8 7 6 14 15 16 17 18 19 20 11 12 13 Y3 Y2 Y1 OE2 VCC Y8 Y7 Y6 Y5 Y4 DW SUFFIX 20–LEAD SOIC PACKAGE CASE 751D–04 ORDERING INFORMATION MC74VHCTXXXADW MC74VHCTXXXADT MC74VHCTXXXAM SOIC TSSOP SOIC EIAJ DT SUFFIX 20–LEAD TSSOP PACKAGE CASE 948E–02 M SUFFIX 20–LEAD SOIC EIAJ PACKAGE CASE 967–01 L L H X L L X H L H X X FUNCTION TABLE Inputs Output Y OE1 OE2 A L H Z Z |
Numéro de pièce similaire - MC74VHCT541A |
|
Description similaire - MC74VHCT541A |