Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC-350-CAB-106A-12.80 Fiches technique(PDF) 6 Page - Vectron International, Inc

No de pièce TC-350-CAB-106A-12.80
Description  Low Profile TCXOs Temperature Compensated Crystal Oscillators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VECTRON [Vectron International, Inc]
Site Internet  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TC-350-CAB-106A-12.80 Fiches technique(HTML) 6 Page - Vectron International, Inc

  TC-350-CAB-106A-12.80 Datasheet HTML 1Page - Vectron International, Inc TC-350-CAB-106A-12.80 Datasheet HTML 2Page - Vectron International, Inc TC-350-CAB-106A-12.80 Datasheet HTML 3Page - Vectron International, Inc TC-350-CAB-106A-12.80 Datasheet HTML 4Page - Vectron International, Inc TC-350-CAB-106A-12.80 Datasheet HTML 5Page - Vectron International, Inc TC-350-CAB-106A-12.80 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
USA: Vectron International • 267 Lowell Road, Hudson, NH 03051 . . . . . Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
EUROPE: . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . Tel: 49 (0) 3328 4784 17
Fax: 49 (0) 3328 4784 30
ASIA: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tel: +86 21 28909740 / 41 /42
Fax: +86 21 28909240 / 2890999
Vectron International reserves the right to make changes to the product(s) and/or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
©2001, Vectron International.
Rev.04Jan02
, 19Aug02
www.vectron.com
For additional information please contact:
TC-350 Series Low Profile TCXO’s
Ordering Information
Visit our website at www.vectron.com
TC
D
A
G
-
-
-
256
A
Product Family
TC = TCXO
Package
350 = SMT package
Supply Voltage
C = 5.0 Vdc ±5%
D = 3.3 Vdc ±5%
Output Frequency
1.0 to 77.76 MHz
Pin 1 Options
A = Standard, No Options
(Default)
Note: Other
stabilities are
available upon
request.
Temperature Stability
B-507 = ±5.0 x 10-7 over
0°C to +50°C
B-106 = ±1.0 x 10-6 over
0°C to +50°C
C-507 = ±5.0 x 10-7 over
0°C to +70°C
C-106 = ±1.0 x 10-6 over
0°C to +70°C
D-757 = ±7.5 x 10-7 over
-20°C to +70°C
D-156 = ±1.5 x 10-6 over
-20°C to +70°C
F-106 = ±1.0 x 10-6 over
-40°C to +85°C
F-206 = ±2.0 x 10-6 over
-40°C to +85°C
G-156 = ±1.5 x 10-6 over
-55°C to +85°C
G-256 = ±2.5 x 10-6 over
-55°C to +85°C
350
-
Output Type
A = HCMOS / ACMOS
B = 10 TTL
MHz
12.80


Numéro de pièce similaire - TC-350-CAB-106A-12.80

FabricantNo de pièceFiches techniqueDescription
logo
Knowles Electronics
TC-35030-000 KNOWLES-TC-35030-000 Datasheet
869Kb / 5P
   KN2 –Premium Knowles Reference Design
TC-35064-000 KNOWLES-TC-35064-000 Datasheet
869Kb / 5P
   KN2 –Premium Knowles Reference Design
logo
List of Unclassifed Man...
TC-350R2U ETC2-TC-350R2U Datasheet
380Kb / 8P
   2U/3U Redundant Power Supply
TC-350R2UH ETC2-TC-350R2UH Datasheet
300Kb / 8P
   1U Redundant Power Supply
More results

Description similaire - TC-350-CAB-106A-12.80

FabricantNo de pièceFiches techniqueDescription
logo
Vectron International, ...
TC140 VECTRON-TC140 Datasheet
88Kb / 2P
   Temperature Compensated Crystal Oscillators (TCXOs)
TC-210 VECTRON-TC-210 Datasheet
404Kb / 5P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
6825 VECTRON-6825 Datasheet
457Kb / 4P
   Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT1612 KSS-KT1612 Datasheet
65Kb / 1P
   Temperature Compensated Crystal Oscillators
KT2016 KSS-KT2016_18 Datasheet
68Kb / 1P
   Temperature Compensated Crystal Oscillators
KT3225 KSS-KT3225 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX146 RALTRON-TX146 Datasheet
70Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
TX045 RALTRON-TX045 Datasheet
67Kb / 3P
   Temperature Compensated Crystal Oscillators
logo
List of Unclassifed Man...
IQTCXO-250 ETC1-IQTCXO-250 Datasheet
49Kb / 2P
   Temperature compensated crystal oscillators
logo
Vectron International, ...
RCR7HYA17C160 VECTRON-RCR7HYA17C160 Datasheet
132Kb / 7P
   Temperature Compensated Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com