Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7MET138AFK Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TC7MET138AFK
Description  Advanced High Speed CMOS 3-to-8 line Decoder Fabricated with Silicon Gate CMOS Technology
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MET138AFK Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TC7MET138AFK Datasheet HTML 1Page - Toshiba Semiconductor TC7MET138AFK Datasheet HTML 2Page - Toshiba Semiconductor TC7MET138AFK Datasheet HTML 3Page - Toshiba Semiconductor TC7MET138AFK Datasheet HTML 4Page - Toshiba Semiconductor TC7MET138AFK Datasheet HTML 5Page - Toshiba Semiconductor TC7MET138AFK Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TC7MET138AFK
2001-09-12
4
Recommended Operating Conditions
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
4.5~5.5
V
Input voltage
VIN
0~5.5
V
0~5.5
(Note4)
Output voltage
VOUT
0~VCC
(Note5)
V
Operating temperature
Topr
−40~85
°C
Input rise and fall time
dt/dv
0~20
ns/V
Note4: VCC = 0 V
Note5: High or low state.
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High level
VIH
4.5~5.5
2.0
2.0
Input voltage
Low level
VIL
4.5~5.5
0.8
0.8
V
IOH = −50 µA
4.5
4.4
4.5
4.4
High level
VOH
VIN = VIH
or VIL
IOH = −8 mA
4.5
3.94
3.80
IOL = 50 µA
4.5
0
0.1
0.1
Output voltage
Low level
VOL
VIN = VIH
or VIL
IOL = 8 mA
4.5
0.36
0.44
V
Input leakage current
IIN
VIN = 5.5 V or GND
0~5.5
±0.1
±1.0
µA
ICC
VIN = VCC or GND
5.5
4.0
40.0
µA
Quiescent supply current
ICCT
Per input: VIN = 3.4 V
Other input: VCC or GND
5.5
1.35
1.50
mA
Output leakage current
IOPD
VOUT = 5.5 V
0
0.5
5.0
µA
AC Characteristics (Input: tr =
=== tf ==== 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V) CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
7.6
10.4
1.0
12.0
Propagation delay time
(A, B, C- Y)
tpLH
tpHL
5.0
± 0.5
50
8.1
11.4
1.0
13.0
ns
15
6.6
9.1
1.0
10.5
Propagation delay time
(G1- Y)
tpLH
tpHL
5.0
± 0.5
50
7.1
10.1
1.0
11.5
ns
15
7.0
9.6
1.0
11.0
Propagation delay time
(
2
G
- Y)
tpLH
tpHL
5.0
± 0.5
50
7.5
10.6
1.0
12.0
ns
Input capacitance
CIN
4
10
10
pF
Power dissipation capacitance
CPD
(Note6)
49
pF
Note6: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC


Numéro de pièce similaire - TC7MET138AFK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MET138AFK TOSHIBA-TC7MET138AFK Datasheet
186Kb / 6P
   3-to-8 Line Decoder
TC7MET138AFK TOSHIBA-TC7MET138AFK_07 Datasheet
186Kb / 6P
   3-to-8 Line Decoder
More results

Description similaire - TC7MET138AFK

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
L74VHC1GU04 LRC-L74VHC1GU04 Datasheet
325Kb / 6P
   advanced high speed CMOS Unbuffered inverter fabricated with silicon gate CMOS technology
logo
ON Semiconductor
MC74HC1G04 ONSEMI-MC74HC1G04 Datasheet
61Kb / 6P
   High speed CMOS inverter fabricated with silicon gate CMOS technology
January, 2005 ??Rev. 8
NLVASB3157 ONSEMI-NLVASB3157 Datasheet
139Kb / 10P
   The NLASB3157 is an advanced CMOS analog switch fabricated with silicon gate CMOS technology
August, 2013 ??Rev. 13
logo
Texas Instruments
CD74HC138-Q1 TI1-CD74HC138-Q1 Datasheet
203Kb / 9P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC 3- TO 8-LINE INVERTING DECODER/DEMULTIPLEXER
CD74HC137 TI-CD74HC137_02 Datasheet
65Kb / 9P
[Old version datasheet]   High Speed CMOS Logic, 3-to-8 Line Decoder Demultiplexer with Address Latches
CD74HC137 TI1-CD74HC137_15 Datasheet
1,001Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC137 TI-CD74HC137_08 Datasheet
668Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC137 TI-CD74HC137 Datasheet
65Kb / 10P
[Old version datasheet]   High Speed CMOS Logic, 3-to-8 Line Decoder Demultiplexer with Address Latches
CD74HC137 TI-CD74HC137_07 Datasheet
528Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD54HC237 TI-CD54HC237 Datasheet
381Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com