Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI-3010KM Fiches technique(PDF) 5 Page - Allegro MicroSystems

No de pièce SI-3010KM
Description   1 A, Low-Dropout, 1.0~16 V Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3010KM Fiches technique(HTML) 5 Page - Allegro MicroSystems

  SI-3010KM Datasheet HTML 1Page - Allegro MicroSystems SI-3010KM Datasheet HTML 2Page - Allegro MicroSystems SI-3010KM Datasheet HTML 3Page - Allegro MicroSystems SI-3010KM Datasheet HTML 4Page - Allegro MicroSystems SI-3010KM Datasheet HTML 5Page - Allegro MicroSystems SI-3010KM Datasheet HTML 6Page - Allegro MicroSystems SI-3010KM Datasheet HTML 7Page - Allegro MicroSystems SI-3010KM Datasheet HTML 8Page - Allegro MicroSystems SI-3010KM Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SI-3010KM
1 A, Low-Dropout,
1.0~16 V Regulator
www.allegromicro.com
Linear
Regulators
5
APPLICATIONS INFORMATION
Input Capacitor (C
I, ≥22 µF). This is necessary either
when the input line includes inductance or when the wiring
is long.
Output Capacitor (C
O, ≥47 µF). This device is not
designed for a use with a very low ESR output capacitor
such as a ceramic capacitor. Output oscillation may occur
with that kind of capacitor. The recommended ESR is
0.2~2
Ω at T
A = 25°C.
Reverse-Bias Protection Diode (D1). Diode D1
provides reverse-bias protection between the input and
output. Sanken type SFPL-52 is recommended.
ENABLE Input. The ENABLE (control) input features
an internal pull-down resistor. Leaving this input open
causes the output to turn off.
Parallel Operation. Parallel operation to increase load
current is not permitted.
TYPICAL CHARACTERISTICS (cont.)
(VI = 7 V, VO = 5.0 V adjusted, TA = 25°C)
Overvoltage Protection
GND Pin Current
Output Voltage Adjustable Resistors (R1 and R2).
The output voltage is adjusted by R1 and R2. 10 k
Ω for
R2 is recommended.
R1 = (V
O – Vref)/(Vref/R2)
For an output voltage of 1.5 V or less, diode D1 can be
eliminated and add a 10 k
Ω resistor between ADJ and the
junction of R1 and R2.


Numéro de pièce similaire - SI-3010KM

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
SI-3010KM ALLEGRO-SI-3010KM Datasheet
149Kb / 12P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3010KM SANKEN-SI-3010KM Datasheet
149Kb / 12P
   Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
More results

Description similaire - SI-3010KM

FabricantNo de pièceFiches techniqueDescription
logo
TOKO, Inc
TK701XX TOKO-TK701XX Datasheet
116Kb / 6P
   1.0 V LOW DROPOUT LINEAR REGULATOR
logo
Allegro MicroSystems
SI-3033KM ALLEGRO-SI-3033KM Datasheet
330Kb / 9P
   1 A, Low-Dropout, 3.3 V Regulator
SI-3018KM ALLEGRO-SI-3018KM Datasheet
371Kb / 9P
   1 A, Low-Dropout, 1.8 V Regulator
SI-3050KM ALLEGRO-SI-3050KM Datasheet
350Kb / 9P
   1 A, Low-Dropout, 5.0 V Regulator
SI-3090KM ALLEGRO-SI-3090KM Datasheet
353Kb / 9P
   1 A, Low-Dropout, 9.0 V Regulator
SI-3120KM ALLEGRO-SI-3120KM Datasheet
346Kb / 9P
   1 A, Low-Dropout, 12 V Regulator
SI-3025KM ALLEGRO-SI-3025KM Datasheet
331Kb / 9P
   1 A, Low-Dropout, 2.5 V Regulator
SI-3012KM ALLEGRO-SI-3012KM Datasheet
338Kb / 9P
   1 A, Low-Dropout, 1.28~15 V Regulator
logo
Texas Instruments
LM2940 TI1-LM2940 Datasheet
290Kb / 16P
[Old version datasheet]   1-A LOW-DROPOUT VOLTAGE REGULATOR
MAY 2006
logo
Allegro MicroSystems
SI-3010LLSL ALLEGRO-SI-3010LLSL Datasheet
1Mb / 9P
   1.5 A, Ultra-Low-Dropout, 1~3.3 V Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com