Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TB1245A Fiches technique(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TB1245A
Description  SAW Filter 63.5MHz 6MHz BW (Plastic Dip 17.2 x 8.9 mm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB1245A Fiches technique(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB1245A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB1245A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB1245A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB1245A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB1245A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No.3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales3@mail.taisaw.com Web: www.taisaw.com
SAW Filter 63.5MHz 6MHz BW (Plastic Dip 17.2 x 8.9 mm)
MODEL NO.: TB1245A
REV. NO.1
A. MAXIMUM RATING:
1. Operating temperature range: -40°C to85°C
2. Storage temperature range:
-40°C to 85°C
3. Input Power Level : 10 dBm
4. Maximum DC Voltage : 10V
B. ELECTRICAL CHARACTERISTICS:
1. Ambient Temperature:
25 °
Item
Unit
Min.
Type.
Max.
Center frequency, Fc
MHz
-
63.5
-
Insertion Loss, IL
dB
-
11.0
12.0
1dB Band Width
MHz
5.0
6.1
-
3dB Band Width
MHz
-
7.1
-
35dB Band Width
MHz
-
10.8
12.0
Amplitude Ripple Fc+/-2.5MHz
dB
-
0.7
1.0
Group Delay Ripple Fc+/-2.5MHz
ns
-
70
-
Absolute Group Delay at Fc
us
-
0.77
-
Attenuation (Reference level from minimum Insertion loss )
10MHz ~ 58MHz
dB
30
40
-
Temperature Coefficient
ppm/°C
-
-94
-
Source Impedance
Ohm
-
75
-
Load Impedance
Ohm
-
75
-
RoHS Compliant
Lead free
Lead-free soldering
Electrostatic Sensitive Device


Numéro de pièce similaire - TB1245A

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TB1245N TOSHIBA-TB1245N Datasheet
1Mb / 101P
   TOSHIBA Bi-CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Description similaire - TB1245A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1244A TAI-SAW-TB1244A Datasheet
136Kb / 5P
   SAW Filter 69.5MHz 6MHz BW (Plastic Dip 17.2 x 8.9 mm)
TB1203A TAI-SAW-TB1203A Datasheet
210Kb / 7P
   SAW Filter 63.5MHz 6MHz BW (SMD 7.0횞5.0mm)
TB1201A TAI-SAW-TB1201A Datasheet
208Kb / 7P
   SAW Filter 69.5MHz 6MHz BW (SMD 7.0횞5.0mm)
TB0894A TAI-SAW-TB0894A Datasheet
284Kb / 5P
   SAW Filter 106MHz 15MHz BW (Dip 22횞12.5 mm)
TB0895A TAI-SAW-TB0895A Datasheet
277Kb / 5P
   SAW Filter 140MHz 51MHz BW (Dip 22횞12.6 mm)
TB1132A TAI-SAW-TB1132A Datasheet
226Kb / 8P
   47.25 MHz 6.2MHz BW 13.8x4.6mm Plastic DIP SAW IF Filter
TB0821A TAI-SAW-TB0821A Datasheet
520Kb / 5P
   SAW Filter 140 MHz(BW=0.2MHz) DIP 35.0mmx12.8mm
TB0810A TAI-SAW-TB0810A Datasheet
487Kb / 6P
   SAW Filter 140 MHz(BW=14.0MHz) DIP 27.0mmx12.8mm
TB0811A TAI-SAW-TB0811A Datasheet
361Kb / 6P
   SAW Filter 160 MHz(BW=4.0MHz) DIP 35.0mmx12.8mm
TB0941A TAI-SAW-TB0941A Datasheet
412Kb / 6P
   SAW Filter 70 MHz(BW=3.2MHz) DIP 35.0mmx12.8mm
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com