Moteur de recherche de fiches techniques de composants électroniques |
|
CXA-0359 Fiches technique(PDF) 1 Page - TDK Electronics |
|
CXA-0359 Fiches technique(HTML) 1 Page - TDK Electronics |
1 / 3 page ■ Features CXA-0359 CXA-0359 Specifications(Please refer to each specification before use) ■ Applications Dimming/Connector Type ●2-output ●Applicable panel size*: 12 inches ●With brightness control function (Pulse Wide Modulation mode). ●With shut down function. ●With a sensing function for running out of lamp (alarm output). ●In the high-voltage generator(a terminal and a pattern), an anti-dust measure by silicone application is taken. ●Two stages of dimming range of a Hi mode and a Low mode is selectable. (Notice) Applicable panel size becomes a standard. Electrical Characteristics Item Unit Symbol Specification Condition min typ max Vin(V) Vrmt(V) Vbr(V) Rbr(kΩ ) Hi/Low(V) Ta(℃ ) RL(kΩ ) Remark Output Current mArms Iout (Maximum dimmer) 6.5 7.0 7.5 12 0.6 52.5 - 5 -10 to +70 70 Voltage dimmer (*1) 6.5 7.0 7.5 12 0.6 5- 10 5 -10 to +70 70 Volume dimmer (*1) Iout (Minimum dimmer) 2.6 3.5 4.0 12 0.6 50 - 5 -10 to +70 70 Voltage dimmer (*1) 2.6 3.5 4.0 12 0.6 5-0 5 -10 to +70 70 Volume dimmer (*1) Input Current AIin1 - 0.8 1.0 12 0.6 52.5 10 5 -10 to +70 70 Remote ON mA Iin2 - 1 12 0.6 02.5 10 5 -10 to +70 70 Remote OFF Frequency kHz Freq1 58 63 68 12 0.6 52.5 10 5 -10 to +70 70 Hz Freq2 (Duty frequency) 310 340 370 12 0.6 505 -10 to +70 70 Open Circuit Voltage Vrms Vopen 1800 - 2000 11.4min. 52.5 10 5 -10 to +70 ∞ Open load Alarm Signal V Vst 4.5 5.0 5.5 12 0.6 52.5 10 5 -10 to +70 ∞ In case of lamp anomaly (*2) -0 0.5 12 0.6 52.5 10 5 -10 to +70 70 On a normal operation (*2) (*1) Please refer to the connection diagram for details of a dimming method. (*2) Please refer to the connection diagram for details of alarm output. Other Specifications Dimming Function Yes Operating Temperature ℃ -10 to +70 Storage Temperature ℃ -30 to +85 Operating Humidity Ratio RH% 95Max Safety Standard ー Weight g 23 Dimensions(WxDxH) mm 120x25x8.5 (*3) Fused Input Yes Remote ON / OFF Yes Alarm Signal Function Yes Shutdown Function Yes Silicone Coating on High Voltage Area Yes (*3) These dimensions are indicated the maximum only H. Others are typical values. Item Unit Symbol Specification Condition min typ max Vin(V) Vrmt(V) Vbr(V) Rbr(kΩ ) Hi/Low(V) Ta(℃ ) RL(kΩ ) Remark Output Current mArms Iout (Maximum dimmer) 4.5 5 5.5 12 0.6 52.5 - 0 or open -10 to +70 110 Voltage dimmer (*1) 4.5 5 5.5 12 0.6 5- 10 0 or open -10 to +70 110 Volume dimmer (*1) Iout (Minimum dimmer) 1.5 2.2 2.9 12 0.6 50 - 0 or open -10 to +70 110 Voltage dimmer (*1) 1.5 2.2 2.9 12 0.6 5-0 0 or open -10 to +70 110 Volume dimmer (*1) Input Current AIin1 - 0.6 0.8 12 0.6 52.5 10 0 or open -10 to +70 110 Remote ON mA Iin2 - 1 12 0.6 02.5 10 0 or open -10 to +70 110 Remote OFF Frequency kHz Freq1 58 63 68 12 0.6 52.5 10 0 or open -10 to +70 110 Hz Freq2 (Duty frequency) 310 340 370 12 0.6 50 0 or open -10 to +70 110 Open Circuit Voltage Vrms Vopen 1600 - 1800 11.4min. 52.5 10 0 or open -10 to +70 ∞ Open load Alarm Signal V Vst 4.5 5.0 5.5 12 0.6 52.5 10 0 or open -10 to +70 ∞ In case of lamp anomaly (*2) -0 0.5 12 0.6 52.5 10 0 or open -10 to +70 110 On a normal operation (*2) (*1) Please refer to the connection diagram for details of a dimming method. (*2) Please refer to the connection diagram for details of alarm output. Low-mode High-mode This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications. ■Conformity to RoHs Directive 001-01/20080228/etl_cxa_0359 All specifications are subject to change without notice. 1 |
Numéro de pièce similaire - CXA-0359 |
|
Description similaire - CXA-0359 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |