Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA-0308 Fiches technique(PDF) 1 Page - TDK Electronics

No de pièce CXA-0308
Description  DC-AC INVERTER UNIT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

CXA-0308 Fiches technique(HTML) 1 Page - TDK Electronics

  CXA-0308 Datasheet HTML 1Page - TDK Electronics CXA-0308 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CXA-0308 (8W DUAL OUTPUTS WITH DIMMING FUNCTION)
DC-AC INVERTER UNIT
Page ( 1 / 2 )
CXA E VER, 2001/04/23
CTGB8V009-A
General Information
All specification are subject to change without notice.
Tel : +81-3-5201-7206
Tel : +1-847-390-4439
Tel : +44-118- 921-6206
(Japan)
(USA)
(EU)
Vhigh2
CN1-7
CN1-6
0 ~ 0.4V : OFF
2.5V ~ Vin : ON
Pin
CN1-1
CN1-2
CN1-3
CN1-4
CN1-5
Symbol
Vin
GND
Vrmt
Vbr2 / Rbr2
Vbr1 / Rbr1
Note
10.8 ~ 13.2V
0 V
GND / 0 ~ 50k
CN1 : 53261-0890 (Molex)
DESCRIPTION :
This low profile DC to AC Inverter is developed for dual lamps, low power LCD
back-light. Application includes industrial PC and LCD monitor.
Applicable LCD; 10 to 12 inches double lamp type
Lamp Voltage
600Vrms
Lamp Current
5mArms
Lamp Start Up Voltage 1250Vrms (Vin : 12V)
FEATURES :
Wide operating temperature range
Alarm signal function
PWM dimming type.
Current Feedback Circuit
Silicon Coating in High Voltage area
TEMPERATURE & HUMDITY :
Operating Temperature Range
-10
~ +70
Storage Temperature Range
-30
~ +85
Humidity
95 %RH max
DIMENSIONS :
CN2 : SM03(4.0)B-BHS (JST)
CN2-1
CN2-2
CN2-3
Pin
Symbol
Note
Vhigh1
600Vrms (5mArms)
Vlow
(2V)
No.
1
2
3
Part Description
PWB
Connector CN1
Connector CN2
Note
UL94V-0
t=1.0mm
53261-0890
SM03(4.0)B-BHS
Qty.
1
1
1
(JST)
(Molex)
Unit : mm
Weight :20 (g) typ.
600Vrms (5mArms)
°C
°C
°C
°C
Silicone
2 - Ø2.5 ± 0.2
CN2-1
CN2-3
CN1-8
CN1-1
(2)
CAUTION
HIGH VOLTAGE
82 ± 0.3
105 ± 0.5
13 ± 0.5
(2)
CXA-0308
0X18
MADE IN JAPAN
High Voltage generation area 60mm
2
1
3
CN1-8
0V / 5V
*1. This is an output pin and it is active high (+5V)
if any Lamp opens / fails
Vst*1
0 ~ 2.5V / 0 ~ 50k


Numéro de pièce similaire - CXA-0308

FabricantNo de pièceFiches techniqueDescription
logo
Power Systems GmbH+Co.K...
CXA-0308 POWER-SYSTEMS-CXA-0308 Datasheet
174Kb / 2P
   DC-AC INVERTER UNIT 8W DUAL OUTPUTS WITH DIMMING FUNCTION
More results

Description similaire - CXA-0308

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
CXA-L0612-VJL TDK-CXA-L0612-VJL Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-0535 TDK-CXA-0535 Datasheet
239Kb / 2P
   DC/AC INVERTER UNIT
CXA-0549 TDK-CXA-0549 Datasheet
229Kb / 9P
   DC/AC INVERTER UNIT
CXA-K0612-VSL TDK-CXA-K0612-VSL Datasheet
36Kb / 2P
   DC-AC INVERTER UNIT
CXA-L0612 TDK-CXA-L0612 Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-L0712-VJL TDK-CXA-L0712-VJL Datasheet
37Kb / 2P
   DC-AC INVERTER UNIT
CXA-0543 TDK-CXA-0543 Datasheet
114Kb / 2P
   DC/AC INVERTER UNIT
CXA-0271 TDK-CXA-0271 Datasheet
44Kb / 2P
   DC-AC INVERTER UNIT
CXA-P1012B-NJL TDK-CXA-P1012B-NJL Datasheet
206Kb / 9P
   DC/AC INVERTER UNIT
CXA-0547 TDK-CXA-0547 Datasheet
172Kb / 3P
   DC/AC INVERTER UNIT
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com