Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSM27C452CZ Fiches technique(PDF) 3 Page - OKI electronic componets

No de pièce MSM27C452CZ
Description  262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OKI [OKI electronic componets]
Site Internet  http://www.oki.com
Logo OKI - OKI electronic componets

MSM27C452CZ Fiches technique(HTML) 3 Page - OKI electronic componets

  MSM27C452CZ Datasheet HTML 1Page - OKI electronic componets MSM27C452CZ Datasheet HTML 2Page - OKI electronic componets MSM27C452CZ Datasheet HTML 3Page - OKI electronic componets MSM27C452CZ Datasheet HTML 4Page - OKI electronic componets MSM27C452CZ Datasheet HTML 5Page - OKI electronic componets MSM27C452CZ Datasheet HTML 6Page - OKI electronic componets MSM27C452CZ Datasheet HTML 7Page - OKI electronic componets MSM27C452CZ Datasheet HTML 8Page - OKI electronic componets MSM27C452CZ Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
BLOCK DIAGRAM
D0
CE
BYTE/VPP
OE
CE
PGM
OE
Memory Matrix
Multiplexer & Page Data Latch
Output Buffer
FUNCTION TABLE
STAND-BY
OUTPUT DISABLE
READ (8-Bit)
READ (16-Bit)
MODE
D15/A-1
CE
OE
VCC
LL
DOUT
L
L
L/H
L
H
L
*
H
*
H
L
* : Don't Care
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
X8/X16 Switch
A-1
In 8-bit output mode, these pins are
three-stated and pin D15 functions
as the A-1 address pin.
4.5V
to
5.5V
D8 - D14
D0 - D7
H
L
DOUT
Hi-Z
H
Hi-Z
*
Hi-Z
PROGRAM
LH
DIN
PROGRAM INHIBIT
H
H
Hi-Z
PROGRAM VERIFY
HL
DOUT
11.5V
6.25V
MSM27C452CZ
BYTE/VPP
262,144X16-Bit or 524,288X8-Bit


Numéro de pièce similaire - MSM27C452CZ

FabricantNo de pièceFiches techniqueDescription
logo
OKI electronic componet...
MSM27C401CZ OKI-MSM27C401CZ Datasheet
93Kb / 14P
   524,288-Word x 8-Bit One Time PROM
MSM27C402CZ OKI-MSM27C402CZ Datasheet
93Kb / 13P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
More results

Description similaire - MSM27C452CZ

FabricantNo de pièceFiches techniqueDescription
logo
OKI electronic componet...
MR27V452D OKI-MR27V452D Datasheet
82Kb / 10P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V852D OKI-MR27V852D Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V852E OKI-MR27V852E Datasheet
100Kb / 13P
   524,288 Word X 16 - Bit or 1,048,576 - Word X 8 - Bit 8 - Word x 16-Bit or 16 - Word x 8-Bit Page Mode One Time PROM
MSM27C852CZ OKI-MSM27C852CZ Datasheet
91Kb / 12P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C402CZ OKI-MSM27C402CZ Datasheet
93Kb / 13P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MR27V402D OKI-MR27V402D Datasheet
84Kb / 11P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MR27V402E OKI-MR27V402E Datasheet
167Kb / 16P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MR27V1652E OKI-MR27V1652E Datasheet
151Kb / 15P
   1,048,576 - Word x 16-Bit or 2,097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C1652CZ OKI-MSM27C1652CZ Datasheet
91Kb / 12P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V3252D OKI-MR27V3252D Datasheet
56Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com