Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESD-FPD-16 Fiches technique(PDF) 1 Page - Kemet Corporation

No de pièce ESD-FPD-16
Description  ESD-FPD Series Split Cores with Metal Clamp for Flat Cables for High Frequency (Bare)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESD-FPD-16 Fiches technique(HTML) 1 Page - Kemet Corporation

  ESD-FPD-16 Datasheet HTML 1Page - Kemet Corporation ESD-FPD-16 Datasheet HTML 2Page - Kemet Corporation ESD-FPD-16 Datasheet HTML 3Page - Kemet Corporation ESD-FPD-16 Datasheet HTML 4Page - Kemet Corporation ESD-FPD-16 Datasheet HTML 5Page - Kemet Corporation ESD-FPD-16 Datasheet HTML 6Page - Kemet Corporation ESD-FPD-16 Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
E5007_ESD-FPD • 9/17/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
One world. One KEMET
EMI Cores
ESD-FPD Series Split Cores with Metal Clamp
for Flat Cables for High Frequency (Bare)
Benefits
• NiZn≤300MHz(FMbandrange)optionsavailable
• Split construction
• Easytoinstallthroughitsclampmecanism
• Quicksolutionforpost-cableassemblynoiseissue
• Stainless steel clamp
Overview
TheKEMETESD-FPDSeriessplitcoresaredesignedfor
useonflatcable.AwiderangeofNickelZinc(NiZn)options
allowfortargetingofspecifichighfrequencyranges.Each
product features two core parts and two stainless steel
clamps.
EMI cores are part of a family of passive components which
addresstheissuesofnoiseorelectromagneticinterference
(EMI)incircuitsorsystems.
Applications
• Officeequipment
• Homeappliances
• Inkjet printers
• Consumer electronics
• Industrialequipment
• Testandmeasurementequipment
• Medicalequipment
• Audio-visualequipment
Part Number System
ESD-
FPD-
16
Series
Form Type
ApplicableCable
Clamp Type
ESD-
Split
xx = xx Core
Blank = Stainless steel clamp
Each part number includes two ferrite parts and two clamps, as shown in the picture.


Numéro de pièce similaire - ESD-FPD-16

FabricantNo de pièceFiches techniqueDescription
logo
NEC
ESD-FPD-16 NEC-ESD-FPD-16 Datasheet
1Mb / 31P
   EMI Core
ESD-FPD-16-1 NEC-ESD-FPD-16-1 Datasheet
1Mb / 31P
   EMI Core
logo
Kemet Corporation
ESD-FPD-16-1 KEMET-ESD-FPD-16-1 Datasheet
537Kb / 8P
   ESD-FPD-1 Series Split Cores with Plastic Clamp for Flat Cables for High Frequency (Bare)
More results

Description similaire - ESD-FPD-16

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
ESD-FPD-16-1 KEMET-ESD-FPD-16-1 Datasheet
537Kb / 8P
   ESD-FPD-1 Series Split Cores with Plastic Clamp for Flat Cables for High Frequency (Bare)
ESD-FPL-14.5-3 KEMET-ESD-FPL-14.5-3 Datasheet
1Mb / 17P
   ESD-FPL Series Solid Cores for Flat Cables for High Frequency (Bare)
B-20L-48B-A KEMET-B-20L-48B-A Datasheet
582Kb / 8P
   B-20 Bead Cores for Round Cables for Low & High Frequency (Bare & coated)
ESD-R-31SR-P KEMET-ESD-R-31SR-P Datasheet
801Kb / 9P
   ESD-R-SR Toroidal Cores for Round Cables for Low Frequency at 150 kHz (Bare, coated & with case)
ESD-SR-S38G KEMET-ESD-SR-S38G Datasheet
1Mb / 10P
   ESD-SR Snap-on Cores for Round Cables for Low & High Frequency (with case)
ESD-R-19B KEMET-ESD-R-19B Datasheet
664Kb / 9P
   ESD-R-B Toroidal Cores for Round Cables for Low & High Frequency (with snail-shaped case)
ESD-SR-160H KEMET-ESD-SR-160H Datasheet
504Kb / 7P
   ESD-SR-H/HL Snap-on Cores for Round Cables for High Frequency (with High Heat Resistance & Cable Holding Mechanism case)
ESD-SR KEMET-ESD-SR Datasheet
666Kb / 6P
   Snap-on Cores for Round Cables
logo
Wurth Elektronik GmbH &...
74272571 WURTH-74272571 Datasheet
64Kb / 2P
   SPLIT FLAT FERRITE (mounted with metal spring clip)
logo
List of Unclassifed Man...
KRFC ETC2-KRFC Datasheet
392Kb / 1P
   Split ferrite clamp for intermediate frequency range from 3 to 50MHz.
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com