Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC4626J Fiches technique(PDF) 1 Page - Panasonic Semiconductor

No de pièce 2SC4626J
Description  For High-Frequency Amplification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC4626J Fiches technique(HTML) 1 Page - Panasonic Semiconductor

  2SC4626J Datasheet HTML 1Page - Panasonic Semiconductor 2SC4626J Datasheet HTML 2Page - Panasonic Semiconductor 2SC4626J Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transistors
1
Publication date: December 2002
SJC00281BED
2SC4626J
Silicon NPN epitaxial planar type
For high-frequency amplification
■ Features
• Optimum for RF amplification of FM/AM radios
• High transition frequency f
T
• SS-Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing
■ Absolute Maximum Ratings T
a
= 25°C
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
30
V
Collector-emitter voltage (Base open)
VCEO
20
V
Emitter-base voltage (Collector open)
VEBO
5V
Collector current
IC
30
mA
Collector power dissipation
PC
125
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base cutoff current (Emitter open)
ICBO
VCB
= 10 V, I
E
= 0
0.1
µA
Forward current transfer ratio *
hFE
VCB = 10 V, IE = −1 mA
70
220
Transition frequency
fT
VCB = 10 V, IE = −1 mA, f = 200 MHz
150
250
MHz
Noise figure
NF
VCB
= 10 V, I
E
= −1 mA, f = 5 MHz
2.8
4.0
dB
Reverse transfer impedance
Zrb
VCB = 10 V, IE = −1 mA, f = 2 MHz
22
50
Common-emitter reverse transfer
Cre
VCB = 10 V, IE = −1 mA, f = 10.7 MHz
0.9
1.5
pF
capacitance
■ Electrical Characteristics T
a
= 25°C ± 3°C
Rank
B
C
No-rank
hFE
70 to 140
110 to 220
70 to 220
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Rank classification
Unit: mm
Marking Symbol: V
0.27±0.02
3
12
0.12
+0.03
–0.01
1.60
+0.05
–0.03
1.00±0.05
(0.50)(0.50)
1: Base
2: Emitter
3: Collector
EIAJ: SC-89
SSMini3-F1 Package
Product of no-rank is not classified and have no indication for rank.


Numéro de pièce similaire - 2SC4626J

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SC4626 PANASONIC-2SC4626 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type
2SC4626 PANASONIC-2SC4626 Datasheet
52Kb / 3P
   Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4626 PANASONIC-2SC4626 Datasheet
251Kb / 1P
   Transistors (Selection Guide by Applications and Functions)
More results

Description similaire - 2SC4626J

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SA1790J PANASONIC-2SA1790J Datasheet
65Kb / 3P
   For high-frequency amplification
2SC4627J PANASONIC-2SC4627J Datasheet
65Kb / 3P
   For High-Frequency Amplification
2SC4809J PANASONIC-2SC4809J Datasheet
68Kb / 3P
   For high-frequency amplification/oscillation/mixing
2SK0663 PANASONIC-2SK0663 Datasheet
73Kb / 3P
   For Low-Frequency Amplification
2SD0946 PANASONIC-2SD0946 Datasheet
68Kb / 3P
   For Low-Frequency Amplification
2SK0198 PANASONIC-2SK0198 Datasheet
49Kb / 3P
   For Low-Frequency Amplification
2SD2623 PANASONIC-2SD2623 Datasheet
71Kb / 3P
   For low-frequency amplification
2SD0966 PANASONIC-2SD0966 Datasheet
67Kb / 3P
   For Low-Frequency Amplification
2SD0875 PANASONIC-2SD0875 Datasheet
71Kb / 3P
   For Low-Frequency Power Amplification
2SA0963 PANASONIC-2SA0963 Datasheet
80Kb / 4P
   For low-frequency power amplification
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com