Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-RD11-J0000 Fiches technique(PDF) 4 Page - Agilent(Hewlett-Packard)

No de pièce HLMP-RD11-J0000
Description  Optical Performance Best Value AlInGaP and InGaN Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-RD11-J0000 Fiches technique(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-RD11-J0000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-RD11-J0000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-RD11-J0000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-RD11-J0000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-RD11-J0000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-RD11-J0000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-RD11-J0000 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Figure 1. Relative intensity vs. wavelength.
Figure 2. Amber, red forward current vs.
forward voltage.
Figure 3. Blue, green forward current vs.
forward voltage.
Figure 4. Amber, red relative luminous
intensity vs. forward current.
Figure 5. Blue, green relative luminous
intensity vs. forward current.
Figure 6. Amber, red maximum forward
current vs. ambient temperature.
Figure 7. Blue, green maximum forward
current vs. ambient temperature.
WAVELENGTH – nm
1.0
0.5
0
600
700
400
650
550
500
450
BLUE
GREEN
AMBER
RED
0
40
20
VF – FORWARD VOLTAGE – V
3.0
1.5
2.0
2.5
10
30
50
1.0
RED
AMBER
0
30
15
VF – FORWARD VOLTAGE – V
4.0
2.4
2.8
3.2
10
20
35
2.0
3.6
5
25
0
0
IF – FORWARD CURRENT – mA
20
40
2.0
1.0
50
0.5
1.5
2.5
30
10
0
IF – FORWARD CURRENT – mA
15
25
1.0
30
0.5
1.5
20
5
10
0
0
0
TA – AMBIENT TEMPERATURE – °C
40
80
50
40
30
20
10
20
60
100
60
120
R
θJ-A = 780°C/W
R
θJ-A = 585°C/W
0
0
TA – AMBIENT TEMPERATURE – °C
40
80
30
25
20
15
5
20
60
100
35
R
θJ-A = 585°C/W
10


Numéro de pièce similaire - HLMP-RD11-J0000

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-RD11-J0000 AVAGO-HLMP-RD11-J0000 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-RD11-J0000 AVAGO-HLMP-RD11-J0000 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
More results

Description similaire - HLMP-RD11-J0000

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
logo
Agilent(Hewlett-Packard...
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-RG10 AVAGO-HLMP-RG10 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
Unity Opto Technology
MVL-514SO UOT-MVL-514SO Datasheet
37Kb / 2P
   Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com