Moteur de recherche de fiches techniques de composants électroniques |
|
2N4403 Fiches technique(PDF) 3 Page - ON Semiconductor |
|
2N4403 Fiches technique(HTML) 3 Page - ON Semiconductor |
3 / 7 page 2N4403 http://onsemi.com 3 Figure 1. Turn−On Time Figure 2. Turn−Off Time SWITCHING TIME EQUIVALENT TEST CIRCUIT Scope rise time < 4.0 ns *Total shunt capacitance of test jig connectors, and oscilloscope +2 V −16 V 10 to 100 ms, DUTY CYCLE = 2% 0 1.0 kW −30 V 200 W CS* < 10 pF 1.0 kW −30 V 200 W CS* < 10 pF +4.0 V < 2 ns 1.0 to 100 ms, DUTY CYCLE = 2% < 20 ns +14 V 0 −16 V Figure 3. Capacitances REVERSE VOLTAGE (VOLTS) 7.0 10 20 30 5.0 Figure 4. Charge Data IC, COLLECTOR CURRENT (mA) 0.1 2.0 5.0 10 20 2.0 30 2.0 3.0 5.0 7.0 10 1.0 10 20 50 70 100 200 0.1 300 500 0.7 0.5 VCC = 30 V IC/IB = 10 Ceb QT QA 25°C 100°C TRANSIENT CHARACTERISTICS 3.0 1.0 0.5 0.3 0.2 0.3 0.2 30 Ccb 0.7 7.0 |
Numéro de pièce similaire - 2N4403 |
|
Description similaire - 2N4403 |