Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P87LPC759 Fiches technique(PDF) 22 Page - NXP Semiconductors

No de pièce P87LPC759
Description  Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC759 Fiches technique(HTML) 22 Page - NXP Semiconductors

Back Button P87LPC759 Datasheet HTML 18Page - NXP Semiconductors P87LPC759 Datasheet HTML 19Page - NXP Semiconductors P87LPC759 Datasheet HTML 20Page - NXP Semiconductors P87LPC759 Datasheet HTML 21Page - NXP Semiconductors P87LPC759 Datasheet HTML 22Page - NXP Semiconductors P87LPC759 Datasheet HTML 23Page - NXP Semiconductors P87LPC759 Datasheet HTML 24Page - NXP Semiconductors P87LPC759 Datasheet HTML 25Page - NXP Semiconductors P87LPC759 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Philips Semiconductors
Preliminary data
P87LPC759
Low power, low price, low pin count (14 pin)
microcontroller with 1 kbyte OTP
2002 Mar 21
20
Timer/Counters
The P87LPC759 has two general purpose counter/timers which are
upward compatible with the standard 80C51 Timer 0 and Timer 1.
Both can be configured to operate as timers or can be configured to
be an event counter (see Figure 15). An option to automatically
toggle the T0 pin upon timer overflow has been added.
In the “Timer” function, the register is incremented every machine
cycle. Thus, one can think of it as counting machine cycles. Since a
machine cycle consists of 6 CPU clock periods, the count rate is 1/6
of the CPU clock frequency. Refer to the section Enhanced CPU for
a description of the CPU clock.
In the “Counter” function of Timer 0, the register is incremented in
response to a 1-to-0 transition at its corresponding external input
pin, T0. In this function, the external input is sampled once during
every machine cycle. When the samples of the pin state show a
high in one cycle and a low in the next cycle, the count is
incremented. The new count value appears in the register during the
cycle following the one in which the transition was detected. Since it
takes 2 machine cycles (12 CPU clocks) to recognize a 1-to-0
transition, the maximum count rate is 1/6 of the CPU clock
frequency. There are no restrictions on the duty cycle of the external
input signal, but to ensure that a given level is sampled at least once
before it changes, it should be held for at least one full machine
cycle.
The “Timer” or “Counter” function of Timer 0 is selected by control bit
C/T in the Special Function Register TMOD. In addition to the
“Timer” or “Counter” selection, Timer 0 and Timer 1 have four
operating modes, which are selected by bit-pairs (M1, M0) in TMOD.
Modes 0, 1, and 2 are the same for both Timers/Counters. Mode 3 is
different. The four operating modes are described in the following
text.
BIT
SYMBOL
FUNCTION
TMOD.7, 6
Reserved. Must be written with zeros only.
TMOD.5, 4
M1, M0
Mode Select for Timer 1 (see table below).
TMOD.3
GATE
Gating control for Timer 0. When set, Timer/Counter is enabled only while the INT0 pin is high and
the TR0 control pin is set. When cleared, Timer 0 is enabled when the TR0 control bit is set.
TMOD.2
C/T
Timer or Counter Selector for Timer 0. Cleared for Timer operation (input from internal system clock.)
Set for Counter operation (input from T0 input pin).
TMOD.1, 0
M1, M0
Mode Select for Timer 0 (see table below).
M1, M0
Timer Mode
0 0
8048 Timer “TLn” serves as 5-bit prescaler.
0 1
16-bit Timer/Counter “THn” and “TLn” are cascaded; there is no prescaler.
1 0
8-bit auto-reload Timer/Counter. THn holds a value which is loaded into TLn when it overflows.
1 1
Timer 0 is a dual 8-bit Timer/Counter in this mode. TL0 is an 8-bit Timer/Counter controlled by the
standard Timer 0 control bits. TH0 is an 8-bit timer only, controlled by the Timer 1 control bits (see
text). Timer 1 in this mode is stopped.
M0
SU01542
M1
C/T
GATE
M0
M1
0
1
2
3
4
5
6
7
TMOD
Reset Value: 00h
Not Bit Addressable
Address: 89h
T1
T0
Figure 15. Timer/Counter Mode Control Register (TMOD)


Numéro de pièce similaire - P87LPC759

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
P87LPC760 PHILIPS-P87LPC760 Datasheet
290Kb / 56P
   Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
2002 Mar 07
P87LPC760BDH PHILIPS-P87LPC760BDH Datasheet
290Kb / 56P
   Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
2002 Mar 07
P87LPC760BN PHILIPS-P87LPC760BN Datasheet
290Kb / 56P
   Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
2002 Mar 07
P87LPC761 PHILIPS-P87LPC761 Datasheet
299Kb / 58P
   Low power, low price, low pin count (16 pin) microcontroller with 2 kbyte OTP
2002 Mar 07
P87LPC761BDH PHILIPS-P87LPC761BDH Datasheet
299Kb / 58P
   Low power, low price, low pin count (16 pin) microcontroller with 2 kbyte OTP
2002 Mar 07
More results

Description similaire - P87LPC759

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
P87LPC760 PHILIPS-P87LPC760 Datasheet
290Kb / 56P
   Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
2002 Mar 07
87LPC764 PHILIPS-87LPC764 Datasheet
307Kb / 56P
   Low power, low price, low pin count 20 pin microcontroller with 4 kbyte OTP
2001 Oct 26
87LPC762 PHILIPS-87LPC762 Datasheet
312Kb / 57P
   Low power, low price, low pin count 20 pin microcontroller with 2 kbyte OTP
2001 Oct 26
P87LPC761 PHILIPS-P87LPC761 Datasheet
299Kb / 58P
   Low power, low price, low pin count (16 pin) microcontroller with 2 kbyte OTP
2002 Mar 07
P87LPC764BN112 PHILIPS-P87LPC764BN112 Datasheet
329Kb / 60P
   Low power, low price, low pin count (20 pin) microcontroller with 4 kbyte OTP
2003 Sep 03
P87LPC764 PHILIPS-P87LPC764 Datasheet
322Kb / 60P
   Low power, low price, low pin count (20 pin) microcontroller with 4 kbyte OTP
2003 Sep 03
87LPC767 PHILIPS-87LPC767 Datasheet
320Kb / 60P
   Low power, low price, low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter
2001 Aug 07
87LPC769 PHILIPS-87LPC769 Datasheet
306Kb / 61P
   Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D, and DAC
2001 Jan 11
87LPC768 PHILIPS-87LPC768 Datasheet
337Kb / 64P
   Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
2001 Aug 06
logo
ATMEL Corporation
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com