Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29F004B-B-70JE Fiches technique(PDF) 11 Page - Advanced Micro Devices

No de pièce AM29F004B-B-70JE
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F004B-B-70JE Fiches technique(HTML) 11 Page - Advanced Micro Devices

Back Button AM29F004B-B-70JE Datasheet HTML 7Page - Advanced Micro Devices AM29F004B-B-70JE Datasheet HTML 8Page - Advanced Micro Devices AM29F004B-B-70JE Datasheet HTML 9Page - Advanced Micro Devices AM29F004B-B-70JE Datasheet HTML 10Page - Advanced Micro Devices AM29F004B-B-70JE Datasheet HTML 11Page - Advanced Micro Devices AM29F004B-B-70JE Datasheet HTML 12Page - Advanced Micro Devices AM29F004B-B-70JE Datasheet HTML 13Page - Advanced Micro Devices AM29F004B-B-70JE Datasheet HTML 14Page - Advanced Micro Devices AM29F004B-B-70JE Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
8/5/05
Am29F004B
9
AD VA NC E
IN FO RM AT ION
Output Disable Mode
When the OE# input is at VIH, output from the device is dis-
abled. The output pins are placed in the high impedance
state.
Table 2.
Am29F004B Top Boot Block Sector Addresses
Table 3.
Am29F004B Bottom Boot Block Sector Addresses
Sector
A18
A17
A16
A15
A14
A13
Sector Size
(Kbytes)
Address Range
(in hexadecimal)
SA0
0
0
0
X
X
X
64
00000h–0FFFFh
SA1
0
0
1
X
X
X
64
10000h–1FFFFh
SA2
0
1
0
X
X
X
64
20000h–2FFFFh
SA3
0
1
1
X
X
X
64
30000h–3FFFFh
SA4
1
0
0
X
X
X
64
40000h–4FFFFh
SA5
1
0
1
X
X
X
64
50000h–5FFFFh
SA6
1
1
0
X
X
X
64
60000h–6FFFFh
SA7
1
1
1
0
X
X
32
70000h–77FFFh
SA8
1
1
1
1
0
0
8
78000h–79FFFh
SA9
1
1
1
1
0
1
8
7A000h–7BFFFh
SA10
1
1
1
1
1
X
16
7C000h–7FFFFh
Sector
A18
A17
A16
A15
A14
A13
Sector Size
(Kbytes)
Address Range
(in hexadecimal)
SA0
0
0
0
0
0
X
16
00000h–03FFFh
SA1
0
0
0
0
1
0
8
04000h–05FFFh
SA2
0
0
0
0
1
1
8
06000h–07FFFh
SA3
0
0
0
1
X
X
32
08000h–0FFFFh
SA4
0
0
1
X
X
X
64
10000h–1FFFFh
SA5
0
1
0
X
X
X
64
20000h–2FFFFh
SA6
0
1
1
X
X
X
64
30000h–3FFFFh
SA7
1
0
0
X
X
X
64
40000h–4FFFFh
SA8
1
0
1
X
X
0
64
50000h–5FFFFh
SA9
1
1
0
X
X
1
64
60000h–6FFFFh
SA10
1
1
1
X
X
X
64
70000h–7FFFFh


Numéro de pièce similaire - AM29F004B-B-70JE

FabricantNo de pièceFiches techniqueDescription
logo
SPANSION
AM29F004B SPANSION-AM29F004B Datasheet
944Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F004BB-70JF SPANSION-AM29F004BB-70JF Datasheet
944Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F004BB-70JI SPANSION-AM29F004BB-70JI Datasheet
944Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F004BB-90JE SPANSION-AM29F004BB-90JE Datasheet
944Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F004BB-90JF SPANSION-AM29F004BB-90JF Datasheet
944Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results

Description similaire - AM29F004B-B-70JE

FabricantNo de pièceFiches techniqueDescription
logo
SPANSION
AM29F004B SPANSION-AM29F004B_06 Datasheet
944Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV004B-1 AMD-AM29LV004B-1 Datasheet
769Kb / 40P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV004 AMD-AM29LV004 Datasheet
455Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV004B AMD-AM29LV004B Datasheet
39Kb / 6P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F400B AMD-AM29F400B_00 Datasheet
911Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F400B SPANSION-AM29F400B_09 Datasheet
862Kb / 43P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29F040B AMD-AM29F040B Datasheet
394Kb / 30P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
SPANSION
AM29F040B-09 SPANSION-AM29F040B-09 Datasheet
918Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F040B AMD-AM29F040B_06 Datasheet
981Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com