Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EAIRMLA4 Fiches technique(PDF) 3 Page - Everlight Electronics Co., Ltd

No de pièce EAIRMLA4
Description  Infrared Receiver Control Receiver Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAIRMLA4 Fiches technique(HTML) 3 Page - Everlight Electronics Co., Ltd

  EAIRMLA4 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAIRMLA4 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAIRMLA4 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAIRMLA4 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAIRMLA4 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAIRMLA4 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAIRMLA4 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAIRMLA4 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAIRMLA4 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DATASHEET
Infrared Receiver Control Receiver Module
EAIRMLA4
3
Copyright © 2010, Everlight Americas Inc. Release Date : Nov. 16, 2011. Issue No: 1 Rev.1
Copyright © 2010, Everlight Americas Inc. Release Date : June 20, 2011. Issue No: 1 Rev.1
www.everlightamericas.com
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Current consumption
Icc
-
0.4
0.6
mA
No input signal
Supply voltage
VCC
2.7
-
5.5
V
Peak wavelength
λ
p
---
940
---
nm
Reception range
L0
8
---
---
m
See chapter
‚Test method’
L45
5
---
---
Half angle(horizontal)
φ
h
---
±45
---
deg
Half angle(vertical)
φ
v
---
±45
---
deg
High level pulse width
TH
450
-
700
μs
Test signal
according to
figure 1
Low level pulse width
TL
500
-
750
μs
High level output voltage
VOH
Vcc-0.4
---
---
V
ISOURCE≦1μA
Low level output voltage
VOL
---
0.2
0.5
V
ISINK≦2mA
Internal pull up resistor
RPU
85
100
115


Numéro de pièce similaire - EAIRMLA4

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
EAIRMLA0 EVERLIGHT-EAIRMLA0 Datasheet
679Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMLA1 EVERLIGHT-EAIRMLA1 Datasheet
679Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMLA2 EVERLIGHT-EAIRMLA2 Datasheet
699Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMLA3 EVERLIGHT-EAIRMLA3 Datasheet
606Kb / 10P
   Infrared Receiver Control Receiver Module
More results

Description similaire - EAIRMLA4

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
EAIRMHA1 EVERLIGHT-EAIRMHA1 Datasheet
752Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMIA3 EVERLIGHT-EAIRMIA3 Datasheet
530Kb / 8P
   Infrared Receiver Control Receiver Module
EAIRMLA1 EVERLIGHT-EAIRMLA1 Datasheet
679Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMLA3 EVERLIGHT-EAIRMLA3 Datasheet
606Kb / 10P
   Infrared Receiver Control Receiver Module
EAIRMLA2 EVERLIGHT-EAIRMLA2 Datasheet
699Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMMA0 EVERLIGHT-EAIRMMA0 Datasheet
597Kb / 8P
   Infrared Receiver Control Receiver Module
EAIRMIA0 EVERLIGHT-EAIRMIA0 Datasheet
712Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMJA0 EVERLIGHT-EAIRMJA0 Datasheet
601Kb / 8P
   Infrared Receiver Control Receiver Module
EAIRMJA1 EVERLIGHT-EAIRMJA1 Datasheet
531Kb / 8P
   Infrared Receiver Control Receiver Module
EAIRMIA1 EVERLIGHT-EAIRMIA1 Datasheet
724Kb / 9P
   Infrared Receiver Control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com