Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40100RGER Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS40100RGER
Description  MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS40100RGER Fiches technique(HTML) 5 Page - Texas Instruments

  TPS40100RGER Datasheet HTML 1Page - Texas Instruments TPS40100RGER Datasheet HTML 2Page - Texas Instruments TPS40100RGER Datasheet HTML 3Page - Texas Instruments TPS40100RGER Datasheet HTML 4Page - Texas Instruments TPS40100RGER Datasheet HTML 5Page - Texas Instruments TPS40100RGER Datasheet HTML 6Page - Texas Instruments TPS40100RGER Datasheet HTML 7Page - Texas Instruments TPS40100RGER Datasheet HTML 8Page - Texas Instruments TPS40100RGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.ti.com
DEVICE INFORMATION
RT
BIAS
GND
SS
GM
PGND
7
8
9
10
11
12
RGE PACKAGE
(BOTTOM VIEW)
24
23
22
21
20
19
MGU
MGD
SYNC
PG
VO
ISNS
123456
18 17 16 15 14 13
TPS40100
SLUS601–MAY 2005
ELECTRICAL CHARACTERISTICS (continued)
-40°C ≤ TA =TJ≤ 85°C, VVDD =12V,RRT = 182 kΩ,RGM = 232 kΩ,RILIM = 121 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRACKING AMPLIFIER
VTRKOS =VTRKIN -VO ;VVO≤ 2V
7
25
40
VTRKOS
Tracking amplifier input offset voltage
mV
VTRKOS =VTRKIN -VO ;2V<VVO≤ 6 V
-5
25
40
VTRKCM
Input common mode, active range
0
6
4.5 V ≤ VVDD ≤ 5.5 V
0
3.6
VTRK
Tracking amplifier voltage range
5V<VVDD ≤ 18 V(5)
06
V
VVDD = 12 V
5.0
6.5
8.0
VHTKROUT
High-level output voltage, TRKOUT
VVDD = 4.5 V
3.2
3.6
VLTKROUT
Low-level output voltage, TRKOUT
0
0.5
ISRCTRKOUT Source current, TRKOUT
0.65
2.00
mA
ISNKTRKOUT
Sink current, TRKOUT
12
VTRKDIF
Differential voltage from TRKIN to VO
18
V
GBWPTRK
Tracking amplifier gain bandwidth product(6)
1MHz
AVOLTRK
Tracking amplifier open loop DC gain(6)
60
dB
PROGRAMMABLE UVLO
VUVLO
Undervoltage lockout threshold
1.285
1.332
1.378
V
IUVLO
Hysteresis current
9.0
10.0
10.8
µA
INTERNALLY FIXED UVLO
VUVLOFON
Fixed UVLO turn-on voltage at VDD pin
-40°C ≤ TA < 125°C
3.850
4.150
4.425
V
VUVLOFOFF
Fixed UVLO turn-off voltage at VDD pin
3.75
4.06
4.35
VUVLOHYST
UVLO hysteresis at VDD pin
85
mV
THERMAL SHUTDOWN
TSD
Thermal shutdown temerature(6)
130
165
°C
TSDHYST
Hysteresis(6)
25
(5) Amplifier can track to the lesser of 6 V or (VDD × 0.95)
(6) Ensured by design. Not production tested.
5


Numéro de pièce similaire - TPS40100RGER

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40100RGER TI1-TPS40100RGER Datasheet
1Mb / 40P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100RGERG4 TI1-TPS40100RGERG4 Datasheet
1Mb / 40P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
More results

Description similaire - TPS40100RGER

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40101 TI-TPS40101 Datasheet
664Kb / 35P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100 TI1-TPS40100_16 Datasheet
1Mb / 40P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100 TI-TPS40100_15 Datasheet
1Mb / 40P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40101 TI-TPS40101_15 Datasheet
805Kb / 37P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40075 TI1-TPS40075_14 Datasheet
1Mb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI1-TPS40074_16 Datasheet
454Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_15 Datasheet
1Mb / 45P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com