Moteur de recherche de fiches techniques de composants électroniques |
|
AD8315ARM-REEL7 Fiches technique(PDF) 5 Page - Analog Devices |
|
AD8315ARM-REEL7 Fiches technique(HTML) 5 Page - Analog Devices |
5 / 20 page REV. B –5– AD8315 RF INPUT AMPLITUDE – dBV 4 –4 –80 0 –70 –50 –40 –30 –20 –10 2 0 –1 –2 –3 3 1 –60 (+3dBm) (–47dBm) –30 C +85 C ERROR AT +85 C AND –30 C BASED ON DEVIATION FROM SLOPE AND INTERCEPT AT +25 C TPC 7. Distribution of Error at Temperature after Ambient Normalization vs. Input Amplitude, 3 Sigma to Either Side of Mean, 0.1 GHz RF INPUT AMPLITUDE – dBV 4 –4 –80 0 –70 –50 –40 –30 –20 –10 2 0 –1 –2 –3 3 1 –60 30 C 85 C (+3dBm) (–47dBm) ERROR AT +85 C AND –30 C BASED ON DEVIATION FROM SLOPE AND INTERCEPT AT +25 C TPC 8. Distribution of Error at Temperature after Ambient Normalization vs. Input Amplitude, 3 Sigma to Either Side of Mean, 0.9 GHz FREQUENCY – GHz 3000 2700 0 0 2.5 0.5 1 1.5 2 1800 900 600 300 2400 2100 1200 1500 0 –200 –2000 –800 –1400 –1600 –1800 –400 –600 –1200 –1000 R X FREQUENCY (GHz) 0.1 0.9 1.9 2.5 R – 2700 – 730 – 460 – 440 – jX j1500 j220 j130 j110 R – 2900 – 700 – 130 – 170 – jX j1900 j240 j80 j70 MSOP Chip Scale (LFCSP) R (LFCSP) R (MSOP) X (LFCSP) X (MSOP) TPC 9. Input Impedance RF INPUT AMPLITUDE – dBV 4 –4 –80 0 –70 –50 –40 –30 –20 –10 2 0 –1 –2 –3 3 1 –60 –30 C +85 C (+3dBm) (–47dBm) ERROR AT +85 C AND –30 C BASED ON DEVIATION FROM SLOPE AND INTERCEPT AT +25 C TPC 10. Distribution of Error at Temperature after Ambient Normalization vs. Input Amplitude, 3 Sigma to Either Side of Mean, 1.9 GHz RF INPUT AMPLITUDE – dBV 4 –4 –80 0 –70 –50 –40 –30 –20 –10 2 0 –1 –2 –3 3 1 –60 –30 C (+3dBm) (–47dBm) ERROR AT +85 C AND –30 C BASED ON DEVIATION FROM SLOPE AND INTERCEPT AT +25 C +85 C TPC 11. Distribution of Error at Temperature after Ambient Normalization vs. Input Amplitude, 3 Sigma to Either Side of Mean, 2.5 GHz VENBL – V 10 8 0 1.3 6 4 2 1.4 1.5 1.6 1.7 DECREASING VENBL INCREASING VENBL TPC 12. Supply Current vs. VENBL |
Numéro de pièce similaire - AD8315ARM-REEL7 |
|
Description similaire - AD8315ARM-REEL7 |