Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8315 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD8315
Description  50 dB GSM PA Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8315 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD8315 Datasheet HTML 2Page - Analog Devices AD8315 Datasheet HTML 3Page - Analog Devices AD8315 Datasheet HTML 4Page - Analog Devices AD8315 Datasheet HTML 5Page - Analog Devices AD8315 Datasheet HTML 6Page - Analog Devices AD8315 Datasheet HTML 7Page - Analog Devices AD8315 Datasheet HTML 8Page - Analog Devices AD8315 Datasheet HTML 9Page - Analog Devices AD8315 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. B
AD8315
–6–
FREQUENCY – GHz
25
0
24
23
22
21
20
0.5
1.0
1.5
2.0
2.5
+85 C
+25 C
–30 C
TPC 13. Slope vs. Frequency; –30
∞C, +25∞C, and +85∞C
VS – V
24
2.5
23
22
21
3.0
3.5
4.0
4.5
5.0
5.5
0.1GHz
0.9GHz
1.9GHz
2.5GHz
TPC 14. Slope vs. Supply Voltage
FREQUENCY – Hz
45
10
35
25
15
5
–5
–15
–25
–35
100
1k
10k
100k
1M
10M
0
–20
–40
–60
–80
–100
–120
40
20
0
–20
30
10
–10
–30
–40
–10
–30
–50
–70
–90
–110
–130
CFLT = 220pF
CFLT = 0pF
TPC 15. AC Response from VSET to VAPC
FREQUENCY – GHz
–66
0
–68
–70
–72
–74
–76
–78
–80
0.5
1.0
1.5
2.0
2.5
+25 C
+85 C
–30 C
TPC 16. Intercept vs. Frequency; –30
∞C, +25∞C, and +85∞C
VS – V
2.5
–68
–70
–72
–74
–76
–78
–80
3.0
3.5
4.0
4.5
5.5
5.0
0.9GHz
1.9GHz
0.1GHz
2.5GHz
TPC 17. Intercept vs. Supply Voltage
FREQUENCY – Hz
10000
100
1000
100
10
1k
10k
100k
1M
10M
RF INPUT
–51dBV
–48dBV
–13dBV
–23dBV
–43dBV
–33dBV
–53dBV AND
–63dBV
CFLT = 220PF, RF INPUT = 2GHz
TPC 18. VAPC Noise Spectral Density


Numéro de pièce similaire - AD8315

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8315 AD-AD8315 Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8315 AD-AD8315 Datasheet
447Kb / 22P
   50 dB GSM PA Controller
AD8315-EVAL AD-AD8315-EVAL Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8315ACHIPS AD-AD8315ACHIPS Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8315ACP-EVAL AD-AD8315ACP-EVAL Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
More results

Description similaire - AD8315

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8315 AD-AD8315_16 Datasheet
447Kb / 22P
   50 dB GSM PA Controller
AD8311 AD-AD8311 Datasheet
734Kb / 24P
   50 dB GSM PA Controller
REV. 0
AD8311 AD-AD8311_15 Datasheet
505Kb / 24P
   50 dB GSM PA Controller
REV. A
AD8315 AD-AD8315_06 Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8315 AD-AD8315_15 Datasheet
553Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8316 AD-AD8316 Datasheet
497Kb / 20P
   Dual Output GSM PA Controller
REV. C
logo
Radiometrix Ltd
GTC01 RADIOMETRIX-GTC01 Datasheet
401Kb / 11P
   GSM Telemetry Controller
logo
Fairchild Semiconductor
RMPA1852 FAIRCHILD-RMPA1852 Datasheet
464Kb / 11P
   Quad-Band GSM/EDGE PA Module
logo
Skyworks Solutions Inc.
SKY77340 SKYWORKS-SKY77340 Datasheet
537Kb / 27P
   PA Module for Quad-Band GSM / EDGE
SKY77344 SKYWORKS-SKY77344 Datasheet
71Kb / 2P
   PA Module for Quad-Band GSM / EDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com