Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD1200 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce SD1200
Description  Analog-Interface XGA/SXGA TFT LCD Display Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

SD1200 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  SD1200 Datasheet HTML 1Page - List of Unclassifed Manufacturers SD1200 Datasheet HTML 2Page - List of Unclassifed Manufacturers SD1200 Datasheet HTML 3Page - List of Unclassifed Manufacturers SD1200 Datasheet HTML 4Page - List of Unclassifed Manufacturers SD1200 Datasheet HTML 5Page - List of Unclassifed Manufacturers SD1200 Datasheet HTML 6Page - List of Unclassifed Manufacturers SD1200 Datasheet HTML 7Page - List of Unclassifed Manufacturers SD1200 Datasheet HTML 8Page - List of Unclassifed Manufacturers SD1200 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
1. OVERVIEW
The SD1200 is an IC designed for analog-interface XGA/SXGA TFT LCD monitors.
An analog-interface LCD monitor takes analog RGB signals from a graphic card of a
personal computer, the exact same input interface as a conventional CRT monitor.
This feature makes analog-interface LCD monitor a true replacement of a
conventional CRT monitor.
The analog input RGB signals are first sampled by six channels of 8-bit A/D
converters, and the 48-bit RGB data are then fed into the SD1200. The SD1200 is
capable of performing automatic detection of the display resolution and timing of
input signals generated from various PC graphic cards. No special driver is required
for the timing detection, nor does any manual adjustment. The SD1200 then
automatically scales the input image to fill the full screen of the LCD monitor. The
SD1200 can interface with TFT LCD panels from various manufacturers by
generating 48-bit RGB signal to the LCD panel based upon the timing parameters
saved in the EEPROM.
The SD1200 provides two distinguished features to the TFT LCD monitor solution.
The first one is “plug-and-play”, and the second one is “cost-effective system
solution”. To be truly plug-and-display, the SD1200 performs automatic input mode
detection and auto phase calibration, so that the LCD monitor can ensure the A/D
converters’ sample clock to be precisely synchronized with the input video data, and
to preserve the highest image bandwidth for the highest image quality. Furthermore,
the SD1200 can generate output video even when the input signal is beyond the
specifications, or no input signal is fed.
For “cost-effective system solution”, the SD1200 implements many system support
features such as OSD mixer, error status indicators, 2-wire I
2C serial interface for both
EEPROM and host CPU interface, and low-cost IC package. Another important
contributing factor is that SD1200 does not require external frame buffer memory for
the automatic image scaling and synchronization.
The SD1200 can handle input signal up to SXGA (1280x1024) resolution at 75Hz
refresh rate, and produce output signal at SXGA resolution at 75Hz refresh rate
(subject to the limitation of LCD panel).


Numéro de pièce similaire - SD1200

FabricantNo de pièceFiches techniqueDescription
logo
Winchester Electronics ...
SD120-900-1161R WINCHESTER-SD120-900-1161R Datasheet
74Kb / 1P
   QC-N STRAIGHT PLUG CRIMP ATTACHMENT
SD1201-14-9 WINCHESTER-SD1201-14-9 Datasheet
63Kb / 1P
   JACK, PANEL, N
SD1201-21-9 WINCHESTER-SD1201-21-9 Datasheet
56Kb / 1P
   JACK, PANEL, N
SD1201-22-9 WINCHESTER-SD1201-22-9 Datasheet
73Kb / 1P
   JACK, PANEL, N
SD1201-23-9 WINCHESTER-SD1201-23-9 Datasheet
61Kb / 1P
   JACK, PANEL, N
More results

Description similaire - SD1200

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SD1010A ETC1-SD1010A Datasheet
322Kb / 45P
   Analog-Interface XGA TFT LCD Display Controller
SD1210 ETC-SD1210 Datasheet
322Kb / 46P
   Dual-Interface SXGA TFT LCD Display Controller
SD1010 ETC-SD1010 Datasheet
319Kb / 46P
   Dual-Interface XGA TFT LCD Display Controller
GM2120 ETC-GM2120 Datasheet
1Mb / 49P
   XGA/SXGA LCD Monitor Controller with Intergrated Analog Interface
GM5110 ETC1-GM5110 Datasheet
1Mb / 51P
   XGA/SXGA LCD Controller
logo
STMicroelectronics
ADE3700 STMICROELECTRONICS-ADE3700 Datasheet
504Kb / 89P
   Analog LCD Display Engine for XGA and SXGA Resolutions
logo
List of Unclassifed Man...
GM2115 ETC-GM2115 Datasheet
1Mb / 54P
   ANALOG INTER FACE XGA/SXGA ONPANEL LCD PANEL CONTROLLER
logo
Axiomtek Co., Ltd.
P1177S-881 AXIOMTEK-P1177S-881 Datasheet
421Kb / 2P
   17 SXGA TFT LCD display
P1197E-500 AXIOMTEK-P1197E-500 Datasheet
428Kb / 2P
   19 SXGA TFT LCD display
logo
LG Semicon Co.,Ltd.
LM190E08 LG-LM190E08 Datasheet
415Kb / 29P
   Liquid Crystal Display SXGA TFT LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com