Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD1200 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce SD1200
Description  Analog-Interface XGA/SXGA TFT LCD Display Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

SD1200 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  SD1200 Datasheet HTML 1Page - List of Unclassifed Manufacturers SD1200 Datasheet HTML 2Page - List of Unclassifed Manufacturers SD1200 Datasheet HTML 3Page - List of Unclassifed Manufacturers SD1200 Datasheet HTML 4Page - List of Unclassifed Manufacturers SD1200 Datasheet HTML 5Page - List of Unclassifed Manufacturers SD1200 Datasheet HTML 6Page - List of Unclassifed Manufacturers SD1200 Datasheet HTML 7Page - List of Unclassifed Manufacturers SD1200 Datasheet HTML 8Page - List of Unclassifed Manufacturers SD1200 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
SmartASIC, Inc.
SD1200
PRELIMINARY DATA SHEET
September, 1998
SmartASIC Confidential
3
SD1200
Analog-Interface XGA/SXGA TFT LCD Display Controller
Features
• Highly integrated analog interface
XGA/SXGA TFT LCD Display
Controller
• Handle both 24-bit and 48-bit
sampled RGB input up to SXGA
(1280x1024) @ 85Hz
• Support various PC graphics cards
• Drive 48-bit digital RGB output up
to SXGA (1280x1024) @ 75Hz
• Support various TFT LCD panels
• Truly “Plug and Display” no
special driver running on PC
• Implement proprietary
SmartDisplay technology for
-
input mode detection and auto
calibration
-
output image scaling and
interpolation
-
16.7 million true color support
for 6 bit panel
-
robust detection and handling
of invalid input modes
• Advanced input mode detection
and auto calibration
-
input refresh rate detection
-
input format detection
-
input sync polarity detection
-
image expansion
-
input frequency detection
-
optimal sampling clock phase
calibration
• Advanced image scaling and
interpolation with
-
automatic image centering
-
automatic image expansion in
both horizontal and vertical
directions
-
programmable horizontal and
vertical expansion ratio
-
programmable horizontal and
vertical interpolation algorithm
• True color support for 6 bit panel
-
Proprietary dithering based on
both intensity and spatial
information
-
Optional frame modulation
• Robust handling of invalid input
conditions
-
detect no input signal
-
detect input signal beyond
specified acceptable range
-
output status indicators
-
generate output signal even
when no input signal
• Support multiple TFT LCD panels
-
programmable output timing
parameters to match
specifications of various TFT
LCD panels
-
support power On/Off sequence
-
Output signal is synchronized
with the input signal with the
same frame rate
• Low-cost system solution
-
no external frame buffer
required
-
2-wire I
2C serial interface for
EEPROM and CPU
-
programmable OSD mixer
-
direct interface to external
ADC’s and PLL’s
-
160 pin PQFP Package
-
5.0V and 3.3V supply


Numéro de pièce similaire - SD1200

FabricantNo de pièceFiches techniqueDescription
logo
Winchester Electronics ...
SD120-900-1161R WINCHESTER-SD120-900-1161R Datasheet
74Kb / 1P
   QC-N STRAIGHT PLUG CRIMP ATTACHMENT
SD1201-14-9 WINCHESTER-SD1201-14-9 Datasheet
63Kb / 1P
   JACK, PANEL, N
SD1201-21-9 WINCHESTER-SD1201-21-9 Datasheet
56Kb / 1P
   JACK, PANEL, N
SD1201-22-9 WINCHESTER-SD1201-22-9 Datasheet
73Kb / 1P
   JACK, PANEL, N
SD1201-23-9 WINCHESTER-SD1201-23-9 Datasheet
61Kb / 1P
   JACK, PANEL, N
More results

Description similaire - SD1200

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SD1010A ETC1-SD1010A Datasheet
322Kb / 45P
   Analog-Interface XGA TFT LCD Display Controller
SD1210 ETC-SD1210 Datasheet
322Kb / 46P
   Dual-Interface SXGA TFT LCD Display Controller
SD1010 ETC-SD1010 Datasheet
319Kb / 46P
   Dual-Interface XGA TFT LCD Display Controller
GM2120 ETC-GM2120 Datasheet
1Mb / 49P
   XGA/SXGA LCD Monitor Controller with Intergrated Analog Interface
GM5110 ETC1-GM5110 Datasheet
1Mb / 51P
   XGA/SXGA LCD Controller
logo
STMicroelectronics
ADE3700 STMICROELECTRONICS-ADE3700 Datasheet
504Kb / 89P
   Analog LCD Display Engine for XGA and SXGA Resolutions
logo
List of Unclassifed Man...
GM2115 ETC-GM2115 Datasheet
1Mb / 54P
   ANALOG INTER FACE XGA/SXGA ONPANEL LCD PANEL CONTROLLER
logo
Axiomtek Co., Ltd.
P1177S-881 AXIOMTEK-P1177S-881 Datasheet
421Kb / 2P
   17 SXGA TFT LCD display
P1197E-500 AXIOMTEK-P1197E-500 Datasheet
428Kb / 2P
   19 SXGA TFT LCD display
logo
LG Semicon Co.,Ltd.
LM190E08 LG-LM190E08 Datasheet
415Kb / 29P
   Liquid Crystal Display SXGA TFT LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com