Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFXTAL003329 Fiches technique(PDF) 1 Page - IQD Frequency Products Ltd

No de pièce LFXTAL003329
Description  Quartz Crystal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IQD [IQD Frequency Products Ltd]
Site Internet  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

LFXTAL003329 Fiches technique(HTML) 1 Page - IQD Frequency Products Ltd

  LFXTAL003329 Datasheet HTML 1Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part No. + Packaging: LFXTAL003329Bulk
Quartz Crystal Specification
Outline (mm)
Description
Industry standard leaded package
Resistance welded, hermetically sealed in an inert atmosphere,
glass to metal seals on leads
Standard 2 leg HC49 package
HC49
Model
Model Issue number
15
Frequency Parameters
Frequency
7.37280MHz
Frequency Tolerance
±20.00ppm
Frequency Stability
±50.00ppm
-10.00 to 60.00°C
Operating Temperature Range
Fundamental
Overtone Order
Ageing
±3ppm typical per year
Electrical Parameters
Load Capacitance
30.00pF
Shunt Capacitance
7pF max
Drive Level
1mW max
50.00
Ω max
ESR
Environmental Parameters
Shock: 981m/s², 6ms, 3 times in each of 3 mutually
perpendicular planes
Vibration: 10Hz-60Hz, 0.75mm amplitude, 60Hz-500Hz,
98.1m/s², 30mins in 3 mutually perpendicular planes
Storage Temperature Range: -55 to 125°C
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Packaging Details
Loose in bulk pack
Pack Style: Bulk
Pack Size: 100
Alternative packing option available
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com
Page 1 of 1


Numéro de pièce similaire - LFXTAL003329

FabricantNo de pièceFiches techniqueDescription
logo
IQD Frequency Products ...
LFXTAL003325 IQD-LFXTAL003325 Datasheet
470Kb / 1P
   Quartz Crystal
LFXTAL003327 IQD-LFXTAL003327 Datasheet
776Kb / 1P
   Quartz Crystal
More results

Description similaire - LFXTAL003329

FabricantNo de pièceFiches techniqueDescription
logo
Jauch Quartz Gmbh
JXE63 JAUCH-JXE63 Datasheet
67Kb / 2P
   Quartz Crystal
JXE115 JAUCH-JXE115 Datasheet
65Kb / 2P
   Quartz Crystal
SM26F JAUCH-SM26F Datasheet
79Kb / 1P
   Quartz Crystal
HC49-U-SMC JAUCH-HC49-U-SMC Datasheet
151Kb / 2P
   Quartz Crystal
logo
List of Unclassifed Man...
HC-49US ETC1-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
Jauch Quartz Gmbh
SMQ32 JAUCH-SMQ32 Datasheet
108Kb / 2P
   Quartz Crystal
logo
ECS, Inc.
CSM-3X ECS-CSM-3X Datasheet
601Kb / 2P
   Quartz Crystal
HC-49U ECS-HC-49U Datasheet
157Kb / 1P
   QUARTZ CRYSTAL
HC-49US ECS-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
IQD Frequency Products ...
LFXTAL032878 IQD-LFXTAL032878 Datasheet
268Kb / 1P
   Quartz Crystal
LFXTAL057623 IQD-LFXTAL057623 Datasheet
144Kb / 1P
   Quartz Crystal
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com