Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1690D Fiches technique(PDF) 11 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA1690D
Description  SAW Filter SAW Filter 881.5MHz Band 5 Rx SMD 1.1횞0.9 mm (BW=25 MHz)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1690D Fiches technique(HTML) 11 Page - TAI-SAW TECHNOLOGY CO., LTD.

Back Button TA1690D Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690D Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690D Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690D Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690D Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690D Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690D Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690D Datasheet HTML 10Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690D Datasheet HTML 11Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
11
TST DCC
Release document


Numéro de pièce similaire - TA1690D

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1690A TAI-SAW-TA1690A Datasheet
235Kb / 9P
   SAW Filter 881.5MHz 25MHz BW SMD 1.1X0.9 mm
logo
Golledge Electronics Lt...
TA1690A GOLLEDGE-TA1690A Datasheet
190Kb / 8P
   SAW Filter 881.50MHz
logo
Transko Electronics, In...
TA1690AM1 TRANSKO-TA1690AM1 Datasheet
362Kb / 4P
   Wireless, Balanced RF SAW Filter
Revision 0: December 2004
logo
TAI-SAW TECHNOLOGY CO.,...
TA1690B TAI-SAW-TA1690B Datasheet
436Kb / 10P
   SAW Filter 881.5MHz Band 5 Rx SMD 1.1횞0.9 mm (BW=25 MHz)
logo
Transko Electronics, In...
TA1690BM1 TRANSKO-TA1690BM1 Datasheet
359Kb / 4P
   Wireless, Balanced RF SAW Filter
Revision 0: January 2005
More results

Description similaire - TA1690D

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1690B TAI-SAW-TA1690B Datasheet
436Kb / 10P
   SAW Filter 881.5MHz Band 5 Rx SMD 1.1횞0.9 mm (BW=25 MHz)
TA1692DA TAI-SAW-TA1692DA Datasheet
199Kb / 7P
   SAW Filter 836.5 MHz Band 5 Tx SMD 1.1횞0.9 mm (BW = 25 MHz)
TA1870AM TAI-SAW-TA1870AM Datasheet
542Kb / 9P
   SAW Filter 1960MHz 60MHz BW Band 2 Rx SMD 1.1횞0.9 mm
TA1699B TAI-SAW-TA1699B Datasheet
477Kb / 11P
   SAW Filter 2140MHz 60MHz BW Band 1 Rx SMD 1.1횞0.9 mm
TA1811DN TAI-SAW-TA1811DN Datasheet
228Kb / 8P
   SAW Rx Filter 881.5MHz LTE Band 5 SMD 1109 (25MHz BW)
TA1811D TAI-SAW-TA1811D Datasheet
414Kb / 8P
   SAW Rx Filter 881.5MHz LTE Band 5 SMD 1109 (25MHz BW)
TA1816B TAI-SAW-TA1816B Datasheet
428Kb / 8P
   SAW Rx Filter 881.5MHz LTE Band 5 SMD 1411 (25MHz BW)
TA1699D TAI-SAW-TA1699D Datasheet
447Kb / 11P
   SAW Filter 2140MHz 60MHz BW Band 1 Rx SMD 1.1횞0.9 mm
TA1870DA TAI-SAW-TA1870DA Datasheet
507Kb / 8P
   SAW Filter 1960MHz 60MHz BW Band 2 Rx SMD 1.1횞0.9 mm
TA1811AA TAI-SAW-TA1811AA Datasheet
951Kb / 9P
   SAW Rx Filter 881.5 MHz LTE Band 5 SMD 1.1x0.9 mm (BW=25 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com