Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1595B Fiches technique(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA1595B
Description  SAW Filter 400 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1595B Fiches technique(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1595B Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1595B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1595B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1595B Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1595B Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1595B Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1595B Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
D. OUTLINE DRAWING:
Date Code Table:
E. PCB Footprint:
1 : Input
5 : Output
2, 3, 4, 6, 7, 8 : Ground
△:
:Year Code
□:
:Date Code
Unit: mm


Numéro de pièce similaire - TA1595B

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1595A TAI-SAW-TA1595A Datasheet
158Kb / 7P
   SAW Filter 400 MHz
More results

Description similaire - TA1595B

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0971A TAI-SAW-TA0971A Datasheet
385Kb / 5P
   SAW Filter 400 MHz
TA1595A TAI-SAW-TA1595A Datasheet
158Kb / 7P
   SAW Filter 400 MHz
logo
TriQuint Semiconductor
855874 TRIQUINT-855874 Datasheet
525Kb / 5P
   400 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1978A TAI-SAW-TA1978A Datasheet
335Kb / 7P
   SAW Filter 400 MHz
logo
Integrated Circuit Syst...
SF0400BA02375S ICST-SF0400BA02375S Datasheet
95Kb / 2P
   400 MHz SAW Bandpass Filter
logo
Spectrum Microwave, Inc...
SF0400BA02375S SPECTRUM-SF0400BA02375S Datasheet
148Kb / 3P
   400 MHz SAW Filter 55 MHz Bandwidth
logo
API Technologies Corp
SF0400BA02375S APITECH-SF0400BA02375S Datasheet
148Kb / 3P
   400 MHz SAW Filter 55 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0464A TAI-SAW-TB0464A Datasheet
283Kb / 7P
   SAW Filter 400 MHz SMD 3.8X3.8 mm
logo
API Technologies Corp
SF0400BA02520S APITECH-SF0400BA02520S Datasheet
204Kb / 4P
   400 MHz SAW Filter 300 KHz bandwidth
logo
Spectrum Microwave, Inc...
SF0400BA02520S SPECTRUM-SF0400BA02520S Datasheet
204Kb / 4P
   400 MHz SAW Filter 300 KHz bandwidth
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com