Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPB685 Fiches technique(PDF) 1 Page - TT Electronics.

No de pièce OPB685
Description  Photologic Optical Flag Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB685 Fiches technique(HTML) 1 Page - TT Electronics.

  OPB685 Datasheet HTML 1Page - TT Electronics. OPB685 Datasheet HTML 2Page - TT Electronics. OPB685 Datasheet HTML 3Page - TT Electronics. OPB685 Datasheet HTML 4Page - TT Electronics. OPB685 Datasheet HTML 5Page - TT Electronics. OPB685 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Each OPB685 and OPB695 series flag switch consists of an infrared emitting diode and a monolithic integrated circuit that
incorporates a photodiode, a linear amplifier and a Schmitt trigger. A lever arm actuated flag interrupts the light beam,
which switches the output between states that can readily drive logic gates.
The OPB695 series is designed to easily snap mount into a 0.037” ± 0.001” (0.940 mm ± 0.025 mm) thick material with a
rectangular opening of 0.320” ± 0.003” x 0.472” (8.13 mm x 11.99 mm) minimum. Insertion into the punched side of metal
is recommended.
Devices in these series feature TTL/LSTTL compatible logic level output that can drive up to 10 TTL loads over a voltage
range from 4.5 V to 16 V.
Customized lever arms and spring torques can be designed for specific applications for each of the devices.
Custom electrical, wire, cabling and connectors are available. Contact your local representative or OPTEK for more
information.
 Mechanical switch replacement
 Speed indication (tachometer)
 Mechanical limit indication
 Edge sensing
 Photologic® output
 Four output options
 Mechanical switch replacement
 Printed circuit board mounting (OPB685 Series)
 2.5mm, 3-pin connector mates with Molex connector 5051 series housing
and 4809 series terminal for OPB695 Series
OPB695
OPB685
Ordering Information
Part
Number
LED Peak
Wavelength
Sensor Photologic®
Flag Travel
Degrees Max
Lead Length /
Spacing or Connector
OPB685
890 nm
10K Pull-Up
59°
0.100" / 0.275"
OPB686
Open Collector
OPB687
Inv. 10K Pull-Up
OPB688
Inv. Open Collector
OPB695AZ
10K Pull-Up
70°
Mates with
3 Pin—Molex
5051 (22-01-1032)
Housing
& 4809 (08-70-0069)
Terminals
OPB695BZ
OPB695CZ
OPB696AZ
Open Collector
OPB696BZ
OPB696CZ
OPB697AZ
Inv. 10K Pull-Up
OPB697BZ
OPB697CZ
OPB698AZ
Inv. Open Collector
OPB698BZ
OPB698CZ
RoHS


Numéro de pièce similaire - OPB685

FabricantNo de pièceFiches techniqueDescription
logo
OPTEK Technologies
OPB685 OPTEK-OPB685 Datasheet
534Kb / 4P
   Photologic Optical Flag Switch
OPB685 OPTEK-OPB685 Datasheet
278Kb / 5P
   Photologic짰 Optical Flag Switch
OPB685-3 OPTEK-OPB685-3 Datasheet
278Kb / 5P
   Photologic짰 Optical Flag Switch
More results

Description similaire - OPB685

FabricantNo de pièceFiches techniqueDescription
logo
OPTEK Technologies
OPB685 OPTEK-OPB685 Datasheet
534Kb / 4P
   Photologic Optical Flag Switch
OPB695 OPTEK-OPB695 Datasheet
416Kb / 5P
   Photologic Optical Flag Switch
logo
TT Electronics.
OPB963N11 TTELEC-OPB963N11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
logo
OPTEK Technologies
OPB615 OPTEK-OPB615 Datasheet
411Kb / 4P
   PHOTOLOGIC SLOTTED OPTICAL SWITCH
logo
TT Electronics.
OPB990T55Z TTELEC-OPB990T55Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
logo
OPTEK Technologies
OPB972T55 OPTEK-OPB972T55 Datasheet
186Kb / 6P
   Photologic Slotted Optical Switch
logo
TT Electronics.
OPB980L51Z TTELEC-OPB980L51Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB916BOCZ TTELEC-OPB916BOCZ Datasheet
711Kb / 6P
   Photologic Slotted Optical Switch
OPB930L51 TTELEC-OPB930L51 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB961N51 TTELEC-OPB961N51 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com